Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5374 Datasheet (PDF) - Cirrus Logic

CS5374 Datasheet PDF - Cirrus Logic
Part # CS5374
Download  CS5374 Download
File Size   462.77 Kbytes
Page   44 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Dual High-performance Amplifier & ?誇 Modulator

CS5374 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS5374 Datasheet PDF - Cirrus Logic

Part # CS5374
Download  CS5374 Click to download

File Size   462.77 Kbytes
Page   44 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Dual High-performance Amplifier & ?誇 Modulator

CS5374 Datasheet (HTML) - Cirrus Logic


CS5374 Product details

Description
The CS5374 combines two marine seismic analog measurement channels into one 7 mm x 7 mm QFN package. Each measurement channel consists of a high input impedance programmable gain differential amplifier that buffers analog signals into a high-performance, fourth-order ΔΣ modulator. The low-noise ΔΣ modulator converts the analog signal into a one-bit serial bit stream suitable for the CS5376A digital filter.

Features
● High Input Impedance Differential Amplifier
    • Ultra-low input bias: < 1 pA
    • Max signal amplitude: 5 Vpp differential
● Fourth Order Delta-Sigma (ΔΣ) Modulator
    • Signal Bandwidth: DC to 2 kHz
    • Common mode rejection: 110 dB CMRR
● Differential Analog Input, Digital ΔΣ Output
    • Multiplexed inputs: INA, INB, 800Ω termination
    • Selectable Gain: 1x, 2x, 4x, 8x, 16x, 32x, 64x
● Excellent Amplifier Noise Performance
    • 1.5 μVpp between 0.1 Hz and 10 Hz
    • 11 nV / √Hz from 200 Hz to 2 kHz
● High Modulator Dynamic Range
    • 126 dB SNR @ 215 Hz BW (2 ms sampling)
    • 123 dB SNR @ 430 Hz BW (1 ms sampling)
● Low Total Harmonic Distortion
    • –118 dB THD typical (0.000126%)
    • –108 dB THD maximum (0.0004%)
● Low Power Consumption
    • Normal operation: 6.5 mA per channel
    • Power down: 15 μA per channel max
● Dual Power Supply Configuration
    • VA+ = +2.5 V; VA– = –2.5 V; VD = +3.3 V




Similar Part No. - CS5374

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5374 CIRRUS-CS5374 Datasheet
462Kb / 44P
Dual High-performance Amplifier & ?誇 Modulator
CS5374-CNZ CIRRUS-CS5374-CNZ Datasheet
462Kb / 44P
Dual High-performance Amplifier & ?誇 Modulator
CS5374_0910 CIRRUS-CS5374_0910 Datasheet
462Kb / 44P
Dual High-performance Amplifier & ?誇 Modulator
More results


Similar Description - CS5374

ManufacturerPart #DatasheetDescription
logo
NEC
UPC4558 NEC-UPC4558 Datasheet
309Kb / 10P
HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIER???
UPC4559 NEC-UPC4559 Datasheet
207Kb / 8P
HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIER????
UPC4560 NEC-UPC4560 Datasheet
286Kb / 10P
HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIER???
logo
Sanyo Semicon Device
LA6358NM SANYO-LA6358NM Datasheet
105Kb / 4P
High-Performance Dual Operational Amplifier
logo
STMicroelectronics
LS204 STMICROELECTRONICS-LS204_08 Datasheet
327Kb / 16P
High performance dual operational amplifier
04-Jun-2008
logo
Cirrus Logic
CS5371A CIRRUS-CS5371A_09 Datasheet
302Kb / 32P
Low-power, High-performance ?誇 Modulators
CS5371 CIRRUS-CS5371_05 Datasheet
340Kb / 22P
Low-power, High-performance ?誇 Modulators
CS5374_0910 CIRRUS-CS5374_0910 Datasheet
462Kb / 44P
Dual High-performance Amplifier & ?誇 Modulator
logo
Sanyo Semicon Device
LA6358NMM SANYO-LA6358NMM_08 Datasheet
281Kb / 6P
High-Performance Dual Operational Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7560 AVAGO-HCPL-7560 Datasheet
379Kb / 18P
Optically Isolated Sigma-Delta (誇-?) Modulator
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com