Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5374 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS5374
Description  Dual High-performance Amplifier & ?誇 Modulator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5374 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS5374 Datasheet HTML 3Page - Cirrus Logic CS5374 Datasheet HTML 4Page - Cirrus Logic CS5374 Datasheet HTML 5Page - Cirrus Logic CS5374 Datasheet HTML 6Page - Cirrus Logic CS5374 Datasheet HTML 7Page - Cirrus Logic CS5374 Datasheet HTML 8Page - Cirrus Logic CS5374 Datasheet HTML 9Page - Cirrus Logic CS5374 Datasheet HTML 10Page - Cirrus Logic CS5374 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
CS5374
CS5374
DS862PP1
DS862PP1
7
PERFORMANCE SPECIFICATIONS
Notes: 12. Dynamic Range defined as 20 log [(RMS full scale) / (RMS idle noise)] where idle noise is measured
with the amplifier input terminated. Dynamic Range is dominated by high-frequency quantization noise
at the 1/4 ms rate and amplifier noise at high gain.
13. Tested with a 31.25 Hz sine wave at 1 ms sampling rate and -1 dB amplitude.
Parameter
Symbol
Min
Typ
Max
Unit
Amplifier Noise
Voltage Noise
f0 = 0.1 Hz to 10 Hz
VNPP
-1.5
3
μVpp
Voltage Noise Density
f0 = 200 Hz to 2 kHz
VND
-11
14
Current Noise Density
IND
-20
-
Channel Dynamic Range
Dynamic Range
(1/4 ms) DC to 1720 Hz
(1x Gain, Multiple OWRs)
(1/2 ms) DC to 860 Hz
(Note 9, 12)
(1ms) DC to 430Hz
(2 ms) DC to 215 Hz
(4 ms) DC to 108 Hz
(8 ms) DC to
54 Hz
(16 ms) DC to
27 Hz
SNR
-
-
121
-
-
-
-
105
120
123
126
129
131
135
-
-
-
-
-
-
-
dB
dB
dB
dB
dB
dB
dB
Dynamic Range
1x
(Multiple Gains, 1 ms OWR)
2x
(Note 9, 12)3x
8x
16x
32x
64x
SNR
121
-
-
-
-
-
-
123
122
120
116
111
105
98
-
-
-
-
-
-
-
dB
dB
dB
dB
dB
dB
dB
Channel Distortion
Total Harmonic Distortion
1x
(Note 13)2x
4x
8x
16x
32x
64x
THD
-
-
-
-
-
-
-
-118
-119
-119
-119
-118
-115
-112
-108
-
-
-
-
-
-
dB
dB
dB
dB
dB
dB
dB
nV/ Hz
fA/ Hz
0
5
10
15
20
0
200
400
600
800
1000 1200 1400 1600 1800 2000
Frequency (Hz)
CS5374 Amplifier In-Band Noise
0
100
200
300
400
0.1
1
10
100
1k
Frequency (Hz)
CS5374 Amplifier Wide Band Noise
10k
100k
1M
Figure 2. CS5374 Amplifier Noise Performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com