Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5374 Datasheet(PDF) 41 Page - Cirrus Logic

Part # CS5374
Description  Dual High-performance Amplifier & ?誇 Modulator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5374 Datasheet(HTML) 41 Page - Cirrus Logic

Back Button CS5374 Datasheet HTML 36Page - Cirrus Logic CS5374 Datasheet HTML 37Page - Cirrus Logic CS5374 Datasheet HTML 38Page - Cirrus Logic CS5374 Datasheet HTML 39Page - Cirrus Logic CS5374 Datasheet HTML 40Page - Cirrus Logic CS5374 Datasheet HTML 41Page - Cirrus Logic CS5374 Datasheet HTML 42Page - Cirrus Logic CS5374 Datasheet HTML 43Page - Cirrus Logic CS5374 Datasheet HTML 44Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
CS5374
CS5374
DS862PP1
DS862PP1
41
Differential Amplifier Analog Outputs
OUT1–,
OUT1+
46
47
O
Channel 1 differential analog output.
GUARD1
48
O
Guard output voltage for analog input Channel 1.
GUARD2
13
O
Guard output voltage for analog input Channel 2.
OUT2+,
OUT2–
14
15
O
Channel 2 differential analog output.
Modulator Analog Inputs
INR1+,
INF1+,
INF1–,
INR1–
42
43
44
45
I
Channel 1 analog differential rough and fine inputs.
From the Channel 1 differential anti-alias filter.
INR2–,
INF2–,
INF2+,
INR2+
16
17
18
19
I
Channel 2 analog differential rough and fine inputs.
From the Channel 2 differential anti-alias filter.
Voltage Reference
VREF+,
VREF–
21
22
I
Voltage reference input.
Refer to the Specified Operating Conditions.
Serial Interface
CS
25
I
Chip select. Active low.
SCLK
26
I
Serial clock.
SDI
27
I
Serial data in to device.
SDO
28
O
Serial data out of device.
Modulator Interface
MCLK
36
I
Modulator clock input.
MSYNC
35
I
Modulator sync input.
MFLAG1
33
O
Channel 1 modulator flag output.
MDATA1
34
O
Channel 1 modulator data output.
MFLAG2
29
O
Channel 2 modulator flag output.
MDATA2
30
O
Channel 2 modulator data output.
Device Reset
RST
37
I
Reset. Active low.
Other
NC
20, 23, 24,
38, 41
---
No connect.
DNC
5, 8
---
Do Not Connect.
Thermal Pad
49
I
Connect to VA–. Do not connect to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com