Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5374 Datasheet(PDF) 39 Page - Cirrus Logic

Part # CS5374
Description  Dual High-performance Amplifier & ?誇 Modulator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5374 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CS5374 Datasheet HTML 35Page - Cirrus Logic CS5374 Datasheet HTML 36Page - Cirrus Logic CS5374 Datasheet HTML 37Page - Cirrus Logic CS5374 Datasheet HTML 38Page - Cirrus Logic CS5374 Datasheet HTML 39Page - Cirrus Logic CS5374 Datasheet HTML 40Page - Cirrus Logic CS5374 Datasheet HTML 41Page - Cirrus Logic CS5374 Datasheet HTML 42Page - Cirrus Logic CS5374 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
CS5374
CS5374
DS862PP1
DS862PP1
39
(MSB)7
654321
(LSB)0
adc_lpwr
---
amp_i1_1
amp_i1_0
rough
i1_tail
amp_i5_1
amp_i5_0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
00000000
Figure 24. Power Configuration Register PWRCFG
Bit definitions:
7
adc_lpwr
Modulator Bias
1: reduced current
0: nominal current
6
---
reserved
5:4
amp_i1
Amplifier i1 Bias
11: 2/3
10: 1/3
01: 4/3
00: nominal current
3
rough
Modulator Rough Phase
1: reduced current
0: nominal current
2
i1_tail
Amplifier i1 Tail Current
1: reduced current
0: nominal current
1:0
amp_i5
Amplifier i5 Bias
11: 7/11
10: 9/13
01: 15/13
00: nominal current
Address: 0x04
---
Not defined
(read as 0)
R
Readable
WWritable
R/W
Readable
and Writable
Bits in bottom rows
are reset condition.
Reset Condition : 0000_0000 (0x00) : Default value
Normal Operation : 1000_1111 (0x8F) : Reduced power
Power Down Operation : 0000_0000 (0x00) : Default value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com