Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5374 Datasheet(PDF) 36 Page - Cirrus Logic

Part # CS5374
Description  Dual High-performance Amplifier & ?誇 Modulator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5374 Datasheet(HTML) 36 Page - Cirrus Logic

Back Button CS5374 Datasheet HTML 32Page - Cirrus Logic CS5374 Datasheet HTML 33Page - Cirrus Logic CS5374 Datasheet HTML 34Page - Cirrus Logic CS5374 Datasheet HTML 35Page - Cirrus Logic CS5374 Datasheet HTML 36Page - Cirrus Logic CS5374 Datasheet HTML 37Page - Cirrus Logic CS5374 Datasheet HTML 38Page - Cirrus Logic CS5374 Datasheet HTML 39Page - Cirrus Logic CS5374 Datasheet HTML 40Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
CS5374
CS5374
DS862PP1
36
DS862PP1
9.2 AMP1CFG: 0x01
(MSB)7
654321
(LSB)0
PWDN1
HP1
MUX1_1
MUX1_0
GUARD
GAIN1_2
GAIN1_1
GAIN1_0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
00000000
Figure 21. Amplifier 1 Configuration Register AMP1CFG
Bit definitions:
7
PWDN1
Amplifier 1 Power Down
1: enable
0: disable
6
HP1
Amplifier 1 High Precision
1: enable
0: disable
5:4
MUX1[1:0] Input Multiplexer
11: INA1 + INB1
10: INA1 only
01: INB1 only
00: 800 ohm termination
3
GUARD
GUARD Output
1: disable
0: enable
2:0
GAIN1[2:0] Amplifier 1 Gain
111: reserved
110: 64x
101: 32x
100: 16x
011: 8x
010: 4x
001: 2x
000: 1x
Address: 0x01
--
Not defined
(read as 0)
R
Readable
WWritable
R/W
Readable
and Writable
Bits in bottom rows
are reset condition
Reset Condition : 0000_0000 (0x00) : Default value
Normal Operation : 00MM_GGGG : MUX, GUARD and GAIN select
Power Down Operation : 1000_0000 (0x80) : PWDN enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com