Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5374 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS5374
Description  Dual High-performance Amplifier & ?誇 Modulator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5374 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS5374 Datasheet HTML 25Page - Cirrus Logic CS5374 Datasheet HTML 26Page - Cirrus Logic CS5374 Datasheet HTML 27Page - Cirrus Logic CS5374 Datasheet HTML 28Page - Cirrus Logic CS5374 Datasheet HTML 29Page - Cirrus Logic CS5374 Datasheet HTML 30Page - Cirrus Logic CS5374 Datasheet HTML 31Page - Cirrus Logic CS5374 Datasheet HTML 32Page - Cirrus Logic CS5374 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
CS5374
CS5374
DS862PP1
DS862PP1
29
6.
POWER MODES
The CS5374 amplifiers and modulators have three
power modes. Normal operation, power down with
MCLK enabled, and power down with MCLK dis-
abled.
Power down mode is controlled by PWDN bits in
the SPI registers, and are active high. When PWDN
is enabled, internal circuitry is disabled, the analog
inputs and outputs go high-impedance, and the de-
vice enters a micro-power state.
6.1 Normal Operation
With MCLK active and the amplifiers and modula-
tors enabled (PWDN = 0) the CS5374 performs
normal data acquisition. A differential analog input
signal is converted to an oversampled 1-bit
ΔΣ bit
stream at 512 kHz. This
ΔΣ bit stream is then digi-
tally filtered and decimated by the CS5376A de-
vice to a high-precision 24-bit output.
6.2 Power Down, MCLK Enabled
With MCLK active and all amplifiers and modula-
tors disabled (PWDN = 1) the CS5374 is placed
into a power-down state. During this power-down
state the amplifiers and modulators are disabled
and all outputs are high impedance. In this mode
power consumption is reduced, but not reduced as
low as with MCLK inactive, as sections of the dig-
ital state machine are kept awake to support SPI
communications. Any unused amplifier/modulator
channels can be turned off individually through the
configuration registers.
6.3 Power Down, MCLK Disabled
If MCLK is stopped, an internal loss-of-clock de-
tection circuit automatically places the CS5374
into a power-down state. This power-down state is
independent of the amplifier and modulator inter-
nal configuration registers, and is automatically in-
voked after approximately 40
μs without receiving
an incoming MCLK edge.
During this power-down state, the amplifiers and
modulators are disabled and all outputs are high
impedance. The entire digital state machine goes
inactive but configuration register values are re-
tained, with a reset required to clear them. When
used with the CS5376A digital filter, the CS5374 is
in this lowest power-down state immediately after
reset since MCLK is disabled by default.
NORMAL OPERATION
MCLK = ON
PWDN registers = disabled
POWER DOWN MODE
MCLK = ON
PWDN registers = enabled
POWER DOWN MODE
MCLK = OFF
PWDN registers = X
Figure 17. Power Mode Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com