Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5374 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS5374
Description  Dual High-performance Amplifier & ?誇 Modulator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5374 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS5374 Datasheet HTML 17Page - Cirrus Logic CS5374 Datasheet HTML 18Page - Cirrus Logic CS5374 Datasheet HTML 19Page - Cirrus Logic CS5374 Datasheet HTML 20Page - Cirrus Logic CS5374 Datasheet HTML 21Page - Cirrus Logic CS5374 Datasheet HTML 22Page - Cirrus Logic CS5374 Datasheet HTML 23Page - Cirrus Logic CS5374 Datasheet HTML 24Page - Cirrus Logic CS5374 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
CS5374
CS5374
DS862PP1
DS862PP1
21
5.
SPITM SERIAL PORT
The CS5374 SPI interface is a slave serial port de-
signed to interface with the CS5376A SPI 2 port.
SPI commands from the CS5376A write and read
the CS5374 configuration registers to control hard-
ware operation.
A block diagram of the CS5374 SPI serial interface
is shown in Figure 15, and connections to the
CS5376A SPI 2 port are shown in Figure 12 on
page 15.
5.1 SPI Pin Descriptions
RST — Pin 37
Hardware reset input pin, active low. Defaults the
configuration registers and SPI state machine.
CS — Pin 25
Chip select input pin, active low.
SCLK — Pin 26
Serial clock input pin. Maximum 4.096 MHz.
SDI — Pin 27
Serial data input pin. Data expected valid on rising
edge of SCLK, transition on falling edge.
SDO — Pin 28
Serial data output pin. Data valid on rising edge of
SCLK, transition on falling edge.
5.2 SPI Serial Transactions
Following reset, master mode serial transactions to
CS5374 assert CS and write serial clocks to SCLK
while writing serial data into SDI or reading serial
data out from SDO.
The CS5374 serial port operates in SPI mode 0
(0,0) and reads or writes configuration registers us-
ing standard 8-bit SPI opcodes. Each individual se-
rial transaction is 24-bits long and is generated by
concatenating an 8-bit SPI command opcode, an 8-
bit register address, and an 8-bit data byte as shown
in Figure 16 on page 22.
The CS5374 SPI state machine requires 24 clocks
with CS asserted to fully shift out the SPI data or
else SPI clock synchronization can be lost. The
CS5376A SPI 2 hardware generates 24 clocks per
transaction and will keep the CS5374 serial port
synchronized at all times. However, if another SPI
master is used and clock synchronization is lost,
two methods are available to recover:
1. Hold CS high (inactive) and apply 24 clocks to
shift out any cached SPI data bits. This method re-
tains the existing CS5374 register configuration.
... or ...
2. Apply a hardware reset (toggle RST) and then
rewrite all CS5374 register configuration values.
SCLK
SDO
SDI
Pin Logic
SPI
Figure 15. SPI Interface Block Diagram
Configuration
CS
Registers
Hardware
Serial
RST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com