Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5374 Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS5374
Description  Dual High-performance Amplifier & ?誇 Modulator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5374 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS5374 Datasheet HTML 4Page - Cirrus Logic CS5374 Datasheet HTML 5Page - Cirrus Logic CS5374 Datasheet HTML 6Page - Cirrus Logic CS5374 Datasheet HTML 7Page - Cirrus Logic CS5374 Datasheet HTML 8Page - Cirrus Logic CS5374 Datasheet HTML 9Page - Cirrus Logic CS5374 Datasheet HTML 10Page - Cirrus Logic CS5374 Datasheet HTML 11Page - Cirrus Logic CS5374 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
CS5374
CS5374
DS862PP1
8
DS862PP1
PERFORMANCE SPECIFICATIONS (CONT.)
Notes: 14. Channel Gain is the nominal full-scale 24-bit output code from the CS5376A digital filter for a 5 VPP
differential signal into the CS5374 analog inputs at 1x gain. Value is offset corrected.
15. Absolute gain accuracy tests the matching of 1x gain across multiple CS5374 channels in a system.
16. Relative gain accuracy tests the tracking of 2x, 4x, 8x, 16x, 32x, 64x gain relative to 1x gain on a single
CS5374 channel.
17. Specification is for the parameter over the specified temperature range and is for the CS5374 device
only. It does not include the effects of external components.
18. Offset voltage is tested with the amplifier inputs connected to the internal 800
Ω termination.
19. The offset after calibration specification is measured from the digitally calibrated output codes of the
CS5376A digital filter.
20. Offset calibration is performed in the CS5376A digital filter and includes the full-scale signal range.
Parameter
Symbol
CS5374
Unit
Min
Typ
Max
Channel Gain Accuracy
Channel Gain, Offset Corrected
(Note 3, 14)GAINLSB
-6101194
0xA2E736
-
-
6101194
0x5D18CA
LSB
LSB
Absolute Gain Accuracy
(Note 3, 15)GAINABS
-±1
+2%
Relative Gain Accuracy
2x
(Note 16)4x
8x
16x
32x
64x
GAINREL
-0.4
-
-
-
-
-
-0.2
-0.1
0.1
0.4
0.3
0.3
0
-
-
-
-
-
%
%
%
%
%
%
Gain Drift
(Note 17)
GAINTC
-25-
ppm / °C
Channel Offset Accuracy
Amplifier Offset Voltage, Input Referred
(Note 18)OFSTAMP
-
±250
±750
µV
Amplifier Offset Drift, Input Referred
(Note 17)OFSTATC
-0.3
-
µV / °C
Modulator Offset Voltage, Differential
(OFST =1) OFSTMOD
-±1-
mV
Modulator Offset Voltage, Channel 1
(OFST =0) OFSTMOD1
--60
-
mV
Modulator Offset Voltage, Channel 2
(OFST =0) OFSTMOD2
--35
-
mV
Modulator Offset Drift
(Note 17)OFSTMTC
-1
-
µV / °C
Offset After Calibration
(Note 19)OFSTCAL
-±1-
μV
Offset Calibration Range
(Note 20)OFSTRNG
-100
-
%FS
Channel CMRR and Crosstalk
Common Mode Rejection Ratio
CMRR
-
110
-
dB
Crosstalk, Amplifier Multiplexed Inputs
CXTMI
--130-
dB
Crosstalk, Channel-to-Channel
CXTCC
--130-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com