Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5374 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS5374
Description  Dual High-performance Amplifier & ?誇 Modulator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5374 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS5374 Datasheet HTML 6Page - Cirrus Logic CS5374 Datasheet HTML 7Page - Cirrus Logic CS5374 Datasheet HTML 8Page - Cirrus Logic CS5374 Datasheet HTML 9Page - Cirrus Logic CS5374 Datasheet HTML 10Page - Cirrus Logic CS5374 Datasheet HTML 11Page - Cirrus Logic CS5374 Datasheet HTML 12Page - Cirrus Logic CS5374 Datasheet HTML 13Page - Cirrus Logic CS5374 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
CS5374
CS5374
DS862PP1
10
DS862PP1
DIGITAL CHARACTERISTICS
Notes: 21. Device is intended to be driven with CMOS logic levels.
22. Guaranteed by design and/or characterization.
Parameter
Symbol
Min
Typ
Max
Unit
Digital Inputs
High-level Input Voltage
(Note 21)VIH
0.6*VD
-
VD
V
Low-level Input Voltage
(Note 21)VIL
0.0
-
0.8
V
Input Leakage Current
IIN
-±1
±10
μA
Digital Input Capacitance
CIN
-9
-
pF
Input Rise Times Except MCLK
tRISE
--
100
ns
Input Fall Times Except MCLK
tFALL
--
100
ns
Digital Outputs
High-level Output Voltage, Iout =-40 μAVOH
VD - 0.3
-
-
V
Low-level Output Voltage, Iout =40 μAVOL
--
0.3
V
High-Z Leakage Current
IOZ
-±1
±10
μA
Digital Output Capacitance
COUT
-9
-
pF
Output Rise Times
(Note 22)
tRISE
--
100
ns
Output Fall Times
(Note 22)
tFALL
--
100
ns
0.9 * VD
0.1 * VD
t fall
t rise
Figure 5. Digital Rise and Fall Times SYNC from external system.
MCLK
MSYNC
t
MDATA
TDATA
0
SYNC
MFLAG
Figure 6. System Synchronization Diagram
SYNC from External. MCLK, MSYNC, TDATA from CS5376A. MDATA, MFLAG from CS5374.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com