Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5374 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS5374
Description  Dual High-performance Amplifier & ?誇 Modulator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5374 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS5374 Datasheet HTML 7Page - Cirrus Logic CS5374 Datasheet HTML 8Page - Cirrus Logic CS5374 Datasheet HTML 9Page - Cirrus Logic CS5374 Datasheet HTML 10Page - Cirrus Logic CS5374 Datasheet HTML 11Page - Cirrus Logic CS5374 Datasheet HTML 12Page - Cirrus Logic CS5374 Datasheet HTML 13Page - Cirrus Logic CS5374 Datasheet HTML 14Page - Cirrus Logic CS5374 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
CS5374
CS5374
DS862PP1
DS862PP1
11
DIGITAL CHARACTERISTICS (CONT.)
Notes: 23. MCLK is generated by the CS5376A digital filter. If MCLK is disabled, the CS5374 device automatically
enters a power-down state. See Power Supply Characteristics for typical power-down timing.
24. MSYNC is generated by the CS5376A digital filter and is latched by CS5374 on MCLK falling edge,
synchronization instant (
t0) is on the next MCLK rising edge.
25. Decimated, filtered, and offset-corrected 24-bit output word from the CS5376A digital filter.
Parameter
Symbol
Min
Typ
Max
Unit
Master Clock Input
MCLK Frequency
(Note 23)fMCLK
-
2.048
-
MHz
MCLK Duty Cycle
MCLKDTC
40
-
60
%
MCLK Rise Time
tRISE
-
-
50
ns
MCLK Fall Time
tFALL
-
-
50
ns
MCLK Jitter (in-band or aliased in-band)
MCLKIBJ
--
300
ps
MCLK Jitter (out-of-band)
MCLKOBJ
--
1
ns
Master Sync Input
MSYNC Setup Time to MCLK Falling
(Note 24)tMSS
20
366
-
ns
MSYNC Period
(Note 24)tMSYNC
40
976
-
ns
MSYNC Hold Time after MCLK Falling
(Note 24)tMSH
20
610
-
ns
MDATA Output
MDATA Output Bit Rate
fMDATA
-512
-
kbits/s
MDATA Output One’s Density Range
(Note 22)MDAT1D
14
-
86
%
Full-scale Output Code, Offset Corrected
(Note 25)MDATFS
0xA2E736
-
0x5D18CA
MCLK
MSYNC
t 0
tMSS
1 / fMCLK
tMSYNC
tMSH
MDATA
MFLAG
1 / fMDATA
Figure 7. MCLK / MSYNC Timing Detail



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com