Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5374 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS5374
Description  Dual High-performance Amplifier & ?誇 Modulator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5374 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS5374 Datasheet HTML 14Page - Cirrus Logic CS5374 Datasheet HTML 15Page - Cirrus Logic CS5374 Datasheet HTML 16Page - Cirrus Logic CS5374 Datasheet HTML 17Page - Cirrus Logic CS5374 Datasheet HTML 18Page - Cirrus Logic CS5374 Datasheet HTML 19Page - Cirrus Logic CS5374 Datasheet HTML 20Page - Cirrus Logic CS5374 Datasheet HTML 21Page - Cirrus Logic CS5374 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
CS5374
CS5374
DS862PP1
18
DS862PP1
4.
MODULATOR OPERATION
The CS5374 modulators are fourth-order
ΔΣ type
optimized for extremely high-resolution measure-
ment of signals between DC and 2000 Hz. When
combined with the internal differential amplifiers,
the CS4373A test DAC and CS5376A digital filter,
a small, low-power, self-testing, high-accuracy,
multi-channel measurement system results.
The modulators have high dynamic range and low
total harmonic distortion with very low power con-
sumption. They are optimized for extremely high-
resolution measurement of 5 Vp-p or smaller differ-
ential signals. They convert analog input signals
from the differential amplifiers to an oversampled
serial bit stream which is then passed to the digital
filter.
The companion CS5376A digital filter generates
the clock and synchronization inputs for the modu-
lators while receiving the one-bit data and over-
range flag outputs. The digital filter decimates the
modulator’s oversampled output bit stream to a
high-resolution, 24-bit output at the final selected
output word rate.
4.1 Modulator Anti-Alias Filter
The modulator inputs are required to be bandwidth
limited to ensure modulator loop stability and pre-
vent high-frequency signals from aliasing into the
measurement bandwidth. The use of simple, sin-
gle-pole, differential, low-pass RC filters across
the INR± and INF± inputs ensures high-frequency
signals are rejected before they can alias into the
measurement bandwidth.
The approximate –3 dB corner of the input anti-
alias filter is nominally set to the internal analog
sampling rate divided by 64, which itself is a divi-
sion by 4 of the MCLK rate.
Figure 1 on page 6 illustrates the CS5374 amplifi-
er-to-modulator analog connections with input
anti-alias filter components. Filter components on
the rough and fine pins should be identical values
for optimum performance, with the capacitor val-
ues a minimum of 0.02
μF. The rough input can use
either X7R or C0G-type capacitors, while the fine
input requires C0G-type capacitors for optimal lin-
earity. Using X7R-type capacitors on the fine ana-
log inputs will significantly degrade total harmonic
distortion performance.
Reset, Clock,
and
Synchronization
INR1-
VREF-
MFLAG1
MCLK
MSYNC
4th Order
Modulator
INF1- INF1+INR1+
RST
VREF+
MDATA1
Figure 14. CS5374 Modulator Block Diagram
•
MCLK Frequency = 2.048 MHz
•
Sampling Frequency = MCLK / 4 = 512 kHz
•
–3 dB Filter Corner = Sampling Freq / 64 = 8 kHz
•
RC filter = 1 / [ 2
π x(2xRseries)xCdiff ] ~ 8 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com