Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5374 Datasheet(PDF) 31 Page - Cirrus Logic

Part # CS5374
Description  Dual High-performance Amplifier & ?誇 Modulator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5374 Datasheet(HTML) 31 Page - Cirrus Logic

Back Button CS5374 Datasheet HTML 27Page - Cirrus Logic CS5374 Datasheet HTML 28Page - Cirrus Logic CS5374 Datasheet HTML 29Page - Cirrus Logic CS5374 Datasheet HTML 30Page - Cirrus Logic CS5374 Datasheet HTML 31Page - Cirrus Logic CS5374 Datasheet HTML 32Page - Cirrus Logic CS5374 Datasheet HTML 33Page - Cirrus Logic CS5374 Datasheet HTML 34Page - Cirrus Logic CS5374 Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
CS5374
CS5374
DS862PP1
DS862PP1
31
1 / [(2.048 MHz) x (15 pF)] = 32 k
Ω. While the
size of the internal capacitor is fixed, the voltage
reference input impedance can vary with MCLK.
The voltage reference external RC filter series re-
sistor creates a voltage divider with the VREF in-
put impedance to reduce the effective applied input
voltage. To minimize gain error resulting from this
voltage divider effect, the RC filter series resistor
should be the minimum size recommended in the
voltage reference device data sheet.
7.5 VREF Accuracy
The nominal voltage reference input is specified as
2.500 V across the VREF
± pins, and all CS5374
gain accuracy specifications are measured using a
nominal voltage reference input. Any variation
from a nominal VREF input will proportionally
vary the analog full-scale gain accuracy.
Since temperature drift of the voltage reference re-
sults in gain drift of the analog full-scale amplitude,
care should be taken to minimize temperature drift
effects through careful selection of passive compo-
nents and the voltage reference device itself. Gain
drift specifications of the CS5374 do not include
the temperature drift effects of external passive
components or of the voltage reference device it-
self.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com