Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5374 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS5374
Description  Dual High-performance Amplifier & ?誇 Modulator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5374 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS5374 Datasheet HTML 2Page - Cirrus Logic CS5374 Datasheet HTML 3Page - Cirrus Logic CS5374 Datasheet HTML 4Page - Cirrus Logic CS5374 Datasheet HTML 5Page - Cirrus Logic CS5374 Datasheet HTML 6Page - Cirrus Logic CS5374 Datasheet HTML 7Page - Cirrus Logic CS5374 Datasheet HTML 8Page - Cirrus Logic CS5374 Datasheet HTML 9Page - Cirrus Logic CS5374 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
CS5374
CS5374
DS862PP1
6
DS862PP1
ANALOG CHARACTERISTICS (CONT.)
Notes: 9. The upper bandwidth limit is determined by the selected digital filter cut-off frequency.
10. Anti-alias capacitors are discrete external components and must be of good quality (C0G, NPO, poly).
Poor-quality capacitors will degrade total harmonic distortion (THD) performance. See Figure 1 for
external anti-alias filter connections.
11. Maximum integrated noise over the measurement bandwidth for the voltage reference device attached
to the VREF inputs.
Parameter
Symbol
Min
Typ
Max
Unit
Modulator Inputs
Input Signal Frequencies
(Note 9)
VBW
DC
-
2000
Hz
Full-scale Differential AC Input
VAC
--
5
Vpp
Full-scale Differential DC Input
VDC
-2.5
-
2.5
VDC
Input Common Mode Voltage
VCM
-
(VA-)+2.5
-V
Input Voltage Range (Vcm ±Signal)
VRNG
(VA-)+0.7
-
(VA+)-1.25
V
Differential Input Impedance
INR±
INF±
ZDIFINR
ZDIFINF
-
-
20
1
-
-
k
Ω
M
Ω
Single-ended Input Impedance
INR±
INF±
ZSEINR
ZSEINF
-
-
40
2
-
-
k
Ω
M
Ω
External Anti-alias Filter
Series Resistance
(Note 10)
Differential Capacitance
RAA
CDIFF
-
-
680
20
-
-
Ω
nF
VREF Inputs
[VREF+] - [VREF-]
(Note 2, 3)
VREF
-
2.500
-
V
VREF-
(Note 4)VREF-
-
VA -
-
V
VREF Input Current
VREFII
-120
-
µA
VREF Input Noise
(Note 11)VREFIN
--
1
µVrms
MODULATOR
INR+
INF+
INF-
INR-
20nF
C0G
20nF
C0G
680
AMPLIFIER
OUT+
OUT-
680
680
680
CS5374
Figure 1. External Anti-alias Filter Components



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com