Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS29F010F-50/XT Datasheet (PDF) - Austin Semiconductor

AS29F010F-50/XT Datasheet PDF - Austin Semiconductor
Part # AS29F010F-50/XT
Download  AS29F010F-50/XT Download
File Size   530.25 Kbytes
Page   26 Pages
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor
Description 128K x 8 FLASH UNIFORM SECTOR 5.0V FLASH MEMORY

AS29F010F-50/XT Datasheet (PDF)

Go To PDF Page Download Datasheet
AS29F010F-50/XT Datasheet PDF - Austin Semiconductor

Part # AS29F010F-50/XT
Download  AS29F010F-50/XT Click to download

File Size   530.25 Kbytes
Page   26 Pages
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor
Description 128K x 8 FLASH UNIFORM SECTOR 5.0V FLASH MEMORY

AS29F010F-50/XT Datasheet (HTML) - Austin Semiconductor


AS29F010F-50/XT Product details

GENERAL DESCRIPTION
The AS29F010 is a 1Mbit, 5.0 Volt-only FLASH memory organized as 131,072 bytes. The AS29F010 is offered in a 32-pin CDIP package. The byte-wide data appears on DQ0-DQ7. The device is designed to be programmed in-system with the standard system 5.0 Volt VCC supply. A 12.0 volt VPP is not required for program or erase operations. The device can also be programmed or erased in standard EPROM programmers.

FEATURES
• Single 5.0V ±10% power supply operation
• Low power consumption:
    √ 12 mA typical active read current
    √ 30 mA typical program/erase current
    √ <1 µA typical standby current
• Flexible sector architecture
    √ Eight 16Kbyte sectors
    √ Any combination of sectors can be erased
    √ Full chip erase
• Sector protection
    √ Hardware-based feature that disables/reenables program and erase operations in any combination of sectors
    √ Sector protection/unprotection can be implemented using standard PROM programming equipment
• Embedded Algorithms
    √ Embedded Erase algorithm automatically pre-programs and erases the chip or any combination of designated sectors
    √ Embedded Program algorithm automatically programs and verifies data at specified address
• Erase Suspend/Resume
    √ Supports reading data from a sector not being erased
• Minimum 1,000,000 Program/Erase Cycles per sector guaranteed
• Compatible with JEDEC standards
    √ Pinout and software compatible with single-powersupply FLASH
    √ Superior inadvertent write protection
• Data Polling and Toggle Bits
    √ Provides a software method of detecting program or erase cycle completion




Similar Part No. - AS29F010F-50/XT

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS29F010 ALSC-AS29F010 Datasheet
175Kb / 10P
5V 128K x 8 CMOS FLASH EEPROM
logo
Micross Components
AS29F010 MICROSS-AS29F010 Datasheet
871Kb / 26P
Flexible sector architecture
logo
Alliance Semiconductor ...
AS29F010-120LC ALSC-AS29F010-120LC Datasheet
175Kb / 10P
5V 128K x 8 CMOS FLASH EEPROM
AS29F010-120PC ALSC-AS29F010-120PC Datasheet
175Kb / 10P
5V 128K x 8 CMOS FLASH EEPROM
AS29F010-120TC ALSC-AS29F010-120TC Datasheet
175Kb / 10P
5V 128K x 8 CMOS FLASH EEPROM
More results


Similar Description - AS29F010F-50/XT

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29010 AMICC-A29010 Datasheet
288Kb / 30P
128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
Eon Silicon Solution In...
EN29LV010 EON-EN29LV010 Datasheet
401Kb / 35P
1 Megabit (128K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
EN25P80 EON-EN25P80 Datasheet
386Kb / 30P
8 Mbit Uniform Sector, Serial Flash Memory
logo
Austin Semiconductor
AS29F040 AUSTIN-AS29F040 Datasheet
1Mb / 27P
512K x 8 FLASH UNIFORM SECTOR 5.0V FLASH MEMORY
logo
AMIC Technology
A29010V-70F AMICC-A29010V-70F Datasheet
347Kb / 29P
128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29L040A AMICC-A29L040A_15 Datasheet
330Kb / 29P
Uniform Sector Flash Memory
A29010A AMICC-A29010A Datasheet
351Kb / 30P
Uniform Sector Flash Memory
A29040C AMICC-A29040C Datasheet
391Kb / 29P
Uniform Sector Flash Memory
A29010B AMICC-A29010B Datasheet
351Kb / 30P
128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
Alliance Semiconductor ...
AS29CF010-55CCIN ALSC-AS29CF010-55CCIN Datasheet
600Kb / 28P
128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com