Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3901A2-I/SS Datasheet (PDF) - Microchip Technology

MCP3901A2-I/SS Datasheet PDF - Microchip Technology
Part # MCP3901A2-I/SS
Download  MCP3901A2-I/SS Download
File Size   1585.76 Kbytes
Page   60 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Two Channel Analog Front End

MCP3901A2-I/SS Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP3901A2-I/SS Datasheet PDF - Microchip Technology

Part # MCP3901A2-I/SS
Download  MCP3901A2-I/SS Click to download

File Size   1585.76 Kbytes
Page   60 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Two Channel Analog Front End

MCP3901A2-I/SS Datasheet (HTML) - Microchip Technology


MCP3901A2-I/SS Product details

Description
The MCP3901 is a dual channel Analog Front End (AFE) containing two synchronous sampling Delta-Sigma Analog-to-Digital Converters (ADC), two PGAs, phase delay compensation block internal voltage reference, modulator output block, and high-speed 20 MHz SPI compatible serial interface. The converters contain a proprietary dithering algorithm for reduced Idle tones and improved THD.
The internal register map contains 24-bit wide ADC data words, a modulator output byte, as well as six writable control registers to program gain, oversampling ratio, phase, resolution, dithering, shutdown, Reset and several communication features.

Features
• Two Synchronous Sampling 16/24-bit Resolution
   Delta-Sigma A/D Converters with Proprietary
   Multi-Bit Architecture
• 91 dB SINAD, -104 dBc Total Harmonic Distortion
   (THD) (up to 35th harmonic), 109 dB Spurious-free
   Dynamic Range (SFDR) for Each Channel
• Programmable Data Rate up to 64 ksps
• Ultra Low-Power Shutdown mode with <2 µA
• -133 dB Crosstalk Between the Two Channels
• Low Drift Internal Voltage Reference: 12 ppm/°C
• Differential Voltage Reference Input Pins
• High Gain PGA on Each Channel (up to 32 V/V)
• Phase Delay Compensation Between the Two
   Channels with 1 µs time Resolution
• Separate Modulator Outputs for Each Channel
• High-Speed, Addressable 20 MHz SPI Interface
   with Mode 0,0 and 1,1 Compatibility
• Independent Analog and Digital Power Supplies:
   4.5V-5.5V AVDD, 2.7V-5.5V DVDD
• Low-Power Consumption: (14 mW typical at 5V)
• Available in Small 20-lead SSOP and QFN
   Packages
• Industrial Temperature Ranges:
   - Industrial: -40°C to +85°C
   - Extended: -40°C to +125°C

Applications
• Energy Metering and Power Measurement
• Automotive
• Portable Instrumentation
• Medical and Power Monitoring




Similar Part No. - MCP3901A2-I/SS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3901A2T-I/SS MICROCHIP-MCP3901A2T-I/SS Datasheet
1Mb / 60P
Two-Channel Analog Front End
2010
More results


Similar Description - MCP3901A2-I/SS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
Analog Front End
May-1998
logo
Analog Devices
AD73360 AD-AD73360 Datasheet
281Kb / 35P
Six-Input Channel Analog Front End
REV.A
logo
Microchip Technology
MCP3901 MICROCHIP-MCP3901_10 Datasheet
1Mb / 60P
Two-Channel Analog Front End
2010
MCP3901 MICROCHIP-MCP3901_11 Datasheet
1Mb / 62P
Two-Channel Analog Front End Portable Instrumentation
2011
MCP3910 MICROCHIP-MCP3910 Datasheet
5Mb / 86P
3V Two-Channel Analog Front End
03/25/14
logo
DATEL, Inc.
ADCDS-1603LC-C DATEL-ADCDS-1603LC-C Datasheet
138Kb / 1P
Analog Front End
ADCDS-1603LEX-C DATEL-ADCDS-1603LEX-C Datasheet
110Kb / 1P
Analog Front End
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
Analog Front End
ADCDS-1801LEX-C DATEL-ADCDS-1801LEX-C Datasheet
139Kb / 1P
Analog Front End
logo
Microchip Technology
MCP3910 MICROCHIP-MCP3910_V01 Datasheet
6Mb / 90P
3V Two-Channel Analog Front End
Revision D January 2020
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com