Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3901A2-I/SS Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP3901A2-I/SS
Description  Two Channel Analog Front End
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3901A2-I/SS Datasheet(HTML) 1 Page - Microchip Technology

  MCP3901A2-I/SS Datasheet HTML 1Page - Microchip Technology MCP3901A2-I/SS Datasheet HTML 2Page - Microchip Technology MCP3901A2-I/SS Datasheet HTML 3Page - Microchip Technology MCP3901A2-I/SS Datasheet HTML 4Page - Microchip Technology MCP3901A2-I/SS Datasheet HTML 5Page - Microchip Technology MCP3901A2-I/SS Datasheet HTML 6Page - Microchip Technology MCP3901A2-I/SS Datasheet HTML 7Page - Microchip Technology MCP3901A2-I/SS Datasheet HTML 8Page - Microchip Technology MCP3901A2-I/SS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
© 2009 Microchip Technology Inc.
DS22192A-page 1
MCP3901
Features
• Two synchronous sampling 16/24-bit resolution
Delta-Sigma A/D Converters with proprietary
multi-bit architecture
• 91 dB SINAD, -104 dBc THD (up to 35th harmonic),
109 dB SFDR for each channel
• Programmable data rate up to 64 ksps
• Ultra low power shutdown mode with <2 µA
• -133 dB Crosstalk between the two channels
• Low Drift Internal Voltage Reference: 12 ppm/°C
• Differential Voltage Reference Input Pins
• High Gain PGA on each channel (up to 32 V/V)
• Phase Delay Compensation between the two
channels with 1 µs time resolution
• Separate Modulator outputs for each channel
• High-Speed Addressable 20 MHz SPI Interface
with Mode 0,0 and 1,1 Compatibility
• Independent analog and digital power supplies
4.5V-5.5V AVDD, 2.7V-5.5V DVDD
• Low Power consumption (14 mW typical at 5V)
• Available in small 20-lead QFN and SSOP
packages
• Industrial Temperature Range -40°C to +85°C
Applications
• Energy Metering & Power Measurement
• Automotive
• Portable Instrumentation
• Medical and Power Monitoring
Description
The MCP3901 is a dual channel analog front end (AFE)
containing two synchronous sampling delta-sigma
Analog-to-Digital Converters (ADC), two PGAs, phase
delay compensation block, internal voltage reference,
modulator output block, and high-speed 20 MHz SPI
compatible serial interface. The converters contain a
proprietary dithering algorithm for reduced idle tones
and improved THD.
The internal register map contains 24-bit wide ADC
data words, a modulator output byte as well as six
writable
control
registers
to
program
gain,
over-sampling ratio, phase, resolution, dithering, shut-
down, reset and several communication features. The
communication is largely simplified with various
continuous read modes that can be accessed by the
DMA of a MCU and with separate data ready pin that
can directly be connected to an IRQ input of a MCU.
The MCP3901 is capable of interfacing to a large
variety of voltage and current sensors including shunts,
current transformers, Rogowski coils, and Hall effect
sensors.
Package Type
OSC1/CLKI
1
2
3
4
20
19
18
17
16
15
14
13
5
6
7
8
OSC2
SDI
RESET
DVDD
AVDD
CH0+
CH0-
CH1-
12
9
DGND
MDAT0
MDAT1
DR
CH1+
AGND
SDO
11
10
REFIN/OUT+
REFIN-
CS
SCK
CH0+
CH0-
CH1+
AGND
CH1-
SCK
CS
OSC1/CLKI
DR
OSC2
20-Lead
SSOP
20-Lead
EP
21
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
QFN
Two Channel Analog Front End


Similar Part No. - MCP3901A2-I/SS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3901A2T-I/SS MICROCHIP-MCP3901A2T-I/SS Datasheet
1Mb / 60P
Two-Channel Analog Front End
2010
More results

Similar Description - MCP3901A2-I/SS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
Analog Front End
May-1998
logo
Analog Devices
AD73360 AD-AD73360 Datasheet
281Kb / 35P
Six-Input Channel Analog Front End
REV.A
logo
Microchip Technology
MCP3901 MICROCHIP-MCP3901_10 Datasheet
1Mb / 60P
Two-Channel Analog Front End
2010
MCP3901 MICROCHIP-MCP3901_11 Datasheet
1Mb / 62P
Two-Channel Analog Front End Portable Instrumentation
2011
MCP3910 MICROCHIP-MCP3910 Datasheet
5Mb / 86P
3V Two-Channel Analog Front End
03/25/14
logo
DATEL, Inc.
ADCDS-1603LC-C DATEL-ADCDS-1603LC-C Datasheet
138Kb / 1P
Analog Front End
ADCDS-1603LEX-C DATEL-ADCDS-1603LEX-C Datasheet
110Kb / 1P
Analog Front End
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
Analog Front End
ADCDS-1801LEX-C DATEL-ADCDS-1801LEX-C Datasheet
139Kb / 1P
Analog Front End
logo
Microchip Technology
MCP3910 MICROCHIP-MCP3910_V01 Datasheet
6Mb / 90P
3V Two-Channel Analog Front End
Revision D January 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com