Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3901A2-I/SS Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP3901A2-I/SS
Description  Two Channel Analog Front End
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3901A2-I/SS Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP3901A2-I/SS Datasheet HTML 11Page - Microchip Technology MCP3901A2-I/SS Datasheet HTML 12Page - Microchip Technology MCP3901A2-I/SS Datasheet HTML 13Page - Microchip Technology MCP3901A2-I/SS Datasheet HTML 14Page - Microchip Technology MCP3901A2-I/SS Datasheet HTML 15Page - Microchip Technology MCP3901A2-I/SS Datasheet HTML 16Page - Microchip Technology MCP3901A2-I/SS Datasheet HTML 17Page - Microchip Technology MCP3901A2-I/SS Datasheet HTML 18Page - Microchip Technology MCP3901A2-I/SS Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 60 page
background image
© 2009 Microchip Technology Inc.
DS22192A-page 15
MCP3901
3.0
PIN DESCRIPTION
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
RESET
This pin is active low and places the entire chip in a
reset state when active.
When RESET=0, all registers are reset to their default
value, no communication can take place, no clock is
distributed inside the part. This state is equivalent to a
POR state.
Since the default state of the ADCs is on, the analog
power consumption when RESET=0 is equivalent to
when RESET=1. Only the digital power consumption is
largely reduced because this current consumption is
essentially dynamic and is reduced drastically when
there is no clock running.
All the analog biases are enabled during a reset so that
the part is fully operational just after a RESET rising
edge.
This input is Schmitt triggered.
3.2
Digital VDD (DVDD)
DVDD is the power supply pin for the digital circuitry
within the MCP3901. This pin requires appropriate
bypass capacitors and should be maintained between
2.7V and 5.5V for specified operation.
3.3
Analog VDD (AVDD)
AVDD is the power supply pin for the analog circuitry
within the MCP3901.
This pin requires appropriate bypass capacitors and
should be maintained to 5V ±10% for specified
operation.
Pin No.
SSOP
Pin No.
QFN
Symbol
Function
1
18
RESET
Master Reset Logic Input Pin
219
DVDD
Digital Power Supply Pin
320
AVDD
Analog Power Supply Pin
4
1
CH0+
Non-Inverting Analog Input Pin for Channel 0
5
2
CH0-
Inverting Analog Input Pin for Channel 0
6
3
CH1-
Inverting Analog Input Pin for Channel 1
7
4
CH1+
Non-Inverting Analog Input Pin for Channel 1
85
AGND
Analog Ground Pin, Return Path for internal analog circuitry
9
6
REFIN+/OUT
Non-Inverting Voltage Reference Input and Internal Reference Output Pin
10
7
REFIN-
Inverting Voltage Reference Input Pin
11
8
DGND
Digital Ground Pin, Return Path for internal digital circuitry
12
9
MDAT1
Modulator Data Output Pin for Channel 1
13
10
MDAT0
Modulator Data Output Pin for Channel 0
14
11
DR
Data Ready Signal Output Pin
15
12
OSC1/CLKI
Oscillator Crystal Connection Pin or External Clock Input Pin
16
13
OSC2
Oscillator Crystal Connection Pin
17
14
CS
Serial Interface Chip Select Pin
18
15
SCK
Serial Interface Clock Pin
19
16
SDO
Serial Interface Data Output Pin
20
17
SDI
Serial Interface Data Input Pin
—
21
EP
Exposed Pad - To be connected to AGND ground plane



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com