Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3901A2-I/SS Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP3901A2-I/SS
Description  Two Channel Analog Front End
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3901A2-I/SS Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP3901A2-I/SS Datasheet HTML 9Page - Microchip Technology MCP3901A2-I/SS Datasheet HTML 10Page - Microchip Technology MCP3901A2-I/SS Datasheet HTML 11Page - Microchip Technology MCP3901A2-I/SS Datasheet HTML 12Page - Microchip Technology MCP3901A2-I/SS Datasheet HTML 13Page - Microchip Technology MCP3901A2-I/SS Datasheet HTML 14Page - Microchip Technology MCP3901A2-I/SS Datasheet HTML 15Page - Microchip Technology MCP3901A2-I/SS Datasheet HTML 16Page - Microchip Technology MCP3901A2-I/SS Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
© 2009 Microchip Technology Inc.
DS22192A-page 13
MCP3901
Note: Unless otherwise indicated, AVDD = 5.0V, DVDD = 5.0 V; TA = +25°C, MCLK = 4 MHz; PRESCALE = 1;
OSR = 64; GAIN = 1; Dithering OFF; VIN = -0.5dBFS @ 60 Hz.
FIGURE 2-25:
Positive Gain Error vs.
Temperature.
FIGURE 2-26:
Negative Gain Error vs.
Temperature
FIGURE 2-27:
Internal Voltage Reference
vs. Temperature.
FIGURE 2-28:
Internal Voltage Reference
vs. Supply Voltage.
FIGURE 2-29:
Signal-to-Noise and
Distortion vs. Master Clock (MCLK), BOOST ON.
FIGURE 2-30:
Noise Histogram.
-2
-1.8
-1.6
-1.4
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
-50-25
0
25
50
75100
125
150
Temperature (°C)
G=1
G=2
G=8
G=16
G=4
G=32
-2
-1.8
-1.6
-1.4
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
-50-25
0
25
50
75100
125
150
Temperature (°C)
G=1
G=2
G=8
G=16
G=4
G=32
2.35
2.36
2.37
2.38
2.39
2.4
-50
-25
0
25
50
75
100
125
150
Temperature (°C)
2.3713
2.37135
2.3714
2.37145
2.3715
2.37155
2.3716
2.37165
4.54.8
5.05.3
5.5
Power Supply (V)
0
10
20
30
40
50
60
70
80
90
100
3579
11
MCLK Frequency (MHz)
0
1000
2000
3000
4000
5000
6000
7000
8000
-3000
-2000
-1000
0
1000
2000
3000
Output Code (LSB)
Channel 0
VIN = 0V
TA = +25°C
16384 Consecutive
Readings
24-bit Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com