Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3901A2-I/SS Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP3901A2-I/SS
Description  Two Channel Analog Front End
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3901A2-I/SS Datasheet(HTML) 4 Page - Microchip Technology

  MCP3901A2-I/SS Datasheet HTML 1Page - Microchip Technology MCP3901A2-I/SS Datasheet HTML 2Page - Microchip Technology MCP3901A2-I/SS Datasheet HTML 3Page - Microchip Technology MCP3901A2-I/SS Datasheet HTML 4Page - Microchip Technology MCP3901A2-I/SS Datasheet HTML 5Page - Microchip Technology MCP3901A2-I/SS Datasheet HTML 6Page - Microchip Technology MCP3901A2-I/SS Datasheet HTML 7Page - Microchip Technology MCP3901A2-I/SS Datasheet HTML 8Page - Microchip Technology MCP3901A2-I/SS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
MCP3901
DS22192A-page 4
© 2009 Microchip Technology Inc.
Output Data Rate
fD
See Table 4-2
ksps
fD = DRCLK= DMCLK /
OSR = MCLK / (4 x
PRESCALE x OSR)
Analog Input Absolute Voltage on
CH0+, CH0-, CH1+, CH1- pins
CHn+-
-1
—
+1
V
All analog input
channels, measured to
AGND. (Note 7)
Analog Input Leakage Current
AIN
—1
—
nA
(Note 4)
Differential Input Voltage Range
(CHn+-
CHn-)
—
—
500 /
GAIN
mV
(Note 1)
Offset Error (Note 2)
VOS
-3
—
+3
mV
(Note 6)
Offset Error Drift
—
3
—
µV/°C
From -40°C to +125°C
Gain Error (Note 2)
GE
- 0.4
—
%
G=1
-2.5
—
+2.5
%
All Gains
Gain Error Drift
—
1
—
ppm/°C
From -40°C to +125°C
Integral Non-Linearity (Note 2)
INL
15
—
ppm
GAIN = 1,
DITHER = ON
Input Impedance
ZIN
350
—
—
k
Ω
Proportional to
1/AMCLK
Signal-to-Noise and Distortion
Ratio (Notes 2, 3)
SINAD
89
91
—
dB
OSR = 256,
DITHER = ON
78
79
—
dB
Total Harmonic Distortion
(Notes 2, 3)
THD
—
-104
-102
dB
OSR = 256,
DITHER = ON
—-85
-84
dB
Signal-to-Noise Ratio
(Notes 2, 3)
SNR
89
91
—
dB
OSR = 256,
DITHER = ON
80
81
—
dB
Spurious Free Dynamic Range
(Note 2)
SFDR
—
109
—
dB
OSR = 256,
DITHER = ON
—87
Crosstalk (50 / 60 Hz) (Note 2)
CTALK
—
-133
—
dB
OSR = 256,
DITHER = ON
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise indicated, AVDD = 4.5 to 5.5V, DVDD = 2.7 to 5.5 V; -40°C < TA <+85°C,
MCLK = 4 MHz; PRESCALE = 1; OSR = 64; GAIN = 1; Dithering OFF; VIN = -0.5 dBFS = 353 mVRMS @ 50/60 Hz.
Parameters
Symbol
Min
Typical
Max
Units
Conditions
Note 1:
This specification implies that the ADC output is valid over this entire differential range and that there is no
distortion or instability across this input range. Dynamic Performance specified at -0.5 dB below the
maximum signal range, VIN = -0.5 dBFS @ 50/60 Hz = 353 mVRMS, VREF = 2.4V.
2:
See terminology section for definition.
3:
This parameter is established by characterization and not 100% tested.
4:
For these operating currents, the following bit settings apply: SHUTDOWN<1:0>=00, RESET<1:0>=00,
VREFEXT=0, CLKEXT=0.
5:
For these operating currents, the following configuration bit settings apply: SHUTDOWN<1:0>=11,
VREFEXT=1, CLKEXT=1.
6:
Applies to all gains. Offset error is dependant on PGA gain setting, see Figure 2-19 for typical values.
7:
Outside of this range, the ADC accuracy is not specified. An extended input range of ±6V can be applied
continuously to the part with no risk for damage.
8:
For proper operation and to keep ADC accuracy, AMCLK should always be in the range of 1 to 5 MHz with
BOOST bits off. With BOOST bits on, AMCLK should be in the range of 1 to 8.192 MHz.
AMCLK = MCLK/PRESCALE. When using a crystal, CLKEXT bit should be equal to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com