Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8432ACPZ-R7 Datasheet (PDF) - Analog Devices

AD8432ACPZ-R7 Datasheet PDF - Analog Devices
Part # AD8432ACPZ-R7
Download  AD8432ACPZ-R7 Download
File Size   720.43 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual-Channel Ultralow Noise Amplifier with Selectable Gain and Input Impedance

AD8432ACPZ-R7 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8432ACPZ-R7 Datasheet PDF - Analog Devices

Part # AD8432ACPZ-R7
Download  AD8432ACPZ-R7 Click to download

File Size   720.43 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual-Channel Ultralow Noise Amplifier with Selectable Gain and Input Impedance

AD8432ACPZ-R7 Datasheet (HTML) - Analog Devices


AD8432ACPZ-R7 Product details

GENERAL DESCRIPTION
The AD8432 is a dual-channel, low power, ultralow noise amplifier with selectable gain and active impedance matching. Each channel has a single-ended input, differential output, and integrated input clamps. By pin strapping the gain setting pins, four accurate gains of G = 12.04 dB, 18.06 dB, 21.58 dB, and 24.08 dB (×4, ×8, ×12, and ×16, respectively) are possible. A bandwidth of 200 MHz at G = 12.04 dB makes this amplifier well suited for many high speed applications.

FEATURES
   Low noise
      Input voltage noise: 0.85 nV/√Hz
      Current noise: 2.0 pA/√Hz
   High speed
      200 MHz bandwidth (G = 12.04 dB)
      295 V/μs slew rate
   Selectable gain
      G = 12.04 dB (×4)
      G = 18.06 dB (×8)
      G = 21.58 dB (×12)
      G = 24.08 dB (×16)
   Active input impedance matching
   Integrated input clamp diodes
   Single-ended input, differential output
   Supply range: 4.5 V to 5.5 V
   Low power: 60 mW/channel

APPLICATIONS
   CW Doppler ultrasound front ends
   Low noise preamplification
   Predriver for I/Q demodulators and phase shifters
   Wideband analog-to-digital drivers




Similar Part No. - AD8432ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8432ACPZ-R7 AD-AD8432ACPZ-R7 Datasheet
877Kb / 32P
Dual-Channel Ultralow Noise Amplifier Selectable Gain and Input Impedance
3/2017-Rev. C to Rev. D
More results


Similar Description - AD8432ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD604 AD-AD604 Datasheet
497Kb / 20P
Dual, Ultralow Noise Variable Gain Amplifier
logo
NXP Semiconductors
SA58780 PHILIPS-SA58780 Datasheet
137Kb / 15P
Sense current amplifier with selectable gain
2003 Nov 10
logo
Maxim Integrated Produc...
MAX2034 MAXIM-MAX2034 Datasheet
345Kb / 13P
Quad-Channel, Ultra-Low-Noise Amplifier with Digitally Programmable Input Impedance
Rev 1; 3/07
logo
Analog Devices
AD604 AD-AD604_08 Datasheet
892Kb / 32P
Dual, Ultralow Noise Variable Gain Amplifier
Rev. D
logo
Texas Instruments
VCA8500_0803 TI-VCA8500_0803 Datasheet
992Kb / 40P
8-Channel, Ultralow-Power, Variable Gain Amplifier with Low-Noise Pre-Amp
OPA857 TI1-OPA857 Datasheet
1Mb / 29P
Ultralow-Noise, Wideband, Selectable Feedback Resistance Transimpedance Amplifier
logo
Analog Devices
AD604 AD-AD604_15 Datasheet
930Kb / 33P
Dual, Ultralow Noise Variable Gain Amplifier
Rev. G
logo
Texas Instruments
OPA857 TI-OPA857_15 Datasheet
1Mb / 30P
OPA857 Ultralow-Noise, Wideband, Selectable-Feedback Resistance Transimpedance Amplifier
OPA857-DIE TI1-OPA857-DIE Datasheet
94Kb / 6P
Ultralow-Noise, Wideband, Selectable-Feedback Resistance Transimpedance Amplifier
logo
Analog Devices
AD8432 AD-AD8432_17 Datasheet
877Kb / 32P
Dual-Channel Ultralow Noise Amplifier Selectable Gain and Input Impedance
3/2017-Rev. C to Rev. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com