Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8432ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8432ACPZ-R7
Description  Dual-Channel Ultralow Noise Amplifier with Selectable Gain and Input Impedance
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8432ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  AD8432ACPZ-R7 Datasheet HTML 1Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 2Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Dual-Channel Ultralow Noise Amplifier with
Selectable Gain and Input Impedance
AD8432
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
Low noise
Input voltage noise: 0.85 nV/√Hz
Current noise: 2.0 pA/√Hz
Excellent ac specifications
200 MHz bandwidth (G = 12.04 dB)
295 V/μs slew rate
Selectable gain
G = 12.04 dB (×4)
G = 18.06 dB (×8)
G = 21.58 dB (×12)
G = 24.08 dB (×16)
Active input impedance matching
Integrated input clamp diodes
Single-ended input, differential output
Supply range: 4.5 V to 5.5 V
Low power: 60 mW/channel
APPLICATIONS
CW Doppler ultrasound front ends
Low noise preamplification
Predriver for I/Q demodulators and phase shifters
Wideband analog-to-digital drivers
FUNCTIONAL BLOCK DIAGRAM
BIAS
ENB
COMM
INH1
IND1
INL1
INH2
IND2
INL2
VPS1
VPS2
OPH1
OPL1
GMH1
GOH1
GOL1
GML1
OPH2
OPL2
GMH2
GOH2
GOL2
GML2
LNA1
LNA2
AD8432
Figure 1.
GENERAL DESCRIPTION
The AD8432 is a dual-channel, low power, ultralow noise
amplifier with selectable gain and active impedance matching.
Each amplifier has a single-ended input, differential output, and
integrated input clamps. By pin strapping the gain setting pins, four
accurate gains of G = 12.04 dB, 18.06 dB, 21.58 dB, and 24.08 dB
(×4, ×8, ×12, and ×16) are possible. A bandwidth of 200 MHz at
G = 12.04 dB makes this amplifier well suited for many high speed
applications.
The exceptional noise performance of the AD8432 is made
possible by the active impedance matching. Using a feedback
network, the input impedance of the amplifiers can be adjusted
to match the signal source impedance without compromising
the noise performance. Impedance matching and low noise of
the AD8432 allow designers to create wider dynamic range
systems that are able to detect even very low level signals.
The AD8432 achieves 0.85 nV/√Hz input referred voltage noise for
a gain of 12.04 dB. The AD8432’s ultralow noise, low distortion,
excellent gain accuracy, and channel-to-channel matching are ideal
for high performance ultrasound systems and for processing I/Q
demodulator signals.
The AD8432 operates on a single supply of 5 V at 24 mA. It is
available in a 4 mm × 4 mm, 24-lead LFSCP. The LFCSP features
an exposed paddle that provides a low thermal resistance path to
the PCB, which enables more efficient heat transfer and increases
reliability. The operating temperature range is −40°C to +85°C.


Similar Part No. - AD8432ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8432ACPZ-R7 AD-AD8432ACPZ-R7 Datasheet
877Kb / 32P
Dual-Channel Ultralow Noise Amplifier Selectable Gain and Input Impedance
3/2017-Rev. C to Rev. D
More results

Similar Description - AD8432ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD604 AD-AD604 Datasheet
497Kb / 20P
Dual, Ultralow Noise Variable Gain Amplifier
logo
NXP Semiconductors
SA58780 PHILIPS-SA58780 Datasheet
137Kb / 15P
Sense current amplifier with selectable gain
2003 Nov 10
logo
Maxim Integrated Produc...
MAX2034 MAXIM-MAX2034 Datasheet
345Kb / 13P
Quad-Channel, Ultra-Low-Noise Amplifier with Digitally Programmable Input Impedance
Rev 1; 3/07
logo
Analog Devices
AD604 AD-AD604_08 Datasheet
892Kb / 32P
Dual, Ultralow Noise Variable Gain Amplifier
Rev. D
logo
Texas Instruments
VCA8500_0803 TI-VCA8500_0803 Datasheet
992Kb / 40P
8-Channel, Ultralow-Power, Variable Gain Amplifier with Low-Noise Pre-Amp
OPA857 TI1-OPA857 Datasheet
1Mb / 29P
Ultralow-Noise, Wideband, Selectable Feedback Resistance Transimpedance Amplifier
logo
Analog Devices
AD604 AD-AD604_15 Datasheet
930Kb / 33P
Dual, Ultralow Noise Variable Gain Amplifier
Rev. G
logo
Texas Instruments
OPA857 TI-OPA857_15 Datasheet
1Mb / 30P
OPA857 Ultralow-Noise, Wideband, Selectable-Feedback Resistance Transimpedance Amplifier
OPA857-DIE TI1-OPA857-DIE Datasheet
94Kb / 6P
Ultralow-Noise, Wideband, Selectable-Feedback Resistance Transimpedance Amplifier
logo
Analog Devices
AD8432 AD-AD8432_17 Datasheet
877Kb / 32P
Dual-Channel Ultralow Noise Amplifier Selectable Gain and Input Impedance
3/2017-Rev. C to Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com