Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8432ACPZ-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # AD8432ACPZ-R7
Description  Dual-Channel Ultralow Noise Amplifier with Selectable Gain and Input Impedance
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8432ACPZ-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD8432ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 21Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 22Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 23Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 24Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 25Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 26Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 27Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
AD8432
Rev. 0 | Page 27 of 28
POWER SUPPLY
The AD8432 should be powered by a single 5 V supply connected
to the VPOS terminal. Separate supplies can be used for VPS1,
VPS2, and ENB, or they can all be tied to VPOS by shorting
the W3 and W4 headers and the S1 switch. Ferrite beads and
decoupling capacitors are installed for isolation, protection, and
power supply noise reduction.
INPUT TERMINATION
Active input impedance matching can be realized by installing
a feedback resistor (RFB), the value of which is determined by
the gain and source impedance, as described in the Theory of
Operation section. CFB provides the necessary ac coupling
between the input and output when using active termination;
a 0.1 μF capacitor value is recommended. The RFB and CFB network
presents a load to OPL, and an equivalent load at OPH can be
used to balance the differential output.
Input clamping diodes (IND1 and IND2) can be connected to the
inputs, by shorting the connection on the W1 and W2 headers.
The diodes provide overvoltage protection to the input and
enable faster overdrive recovery times, especially at the lowest
gain (12.04 dB).
OUTPUT
The AD8432 evaluation board provides the space to configure
the output loading conditions required by the user, by populating
the given footprints (for example, RL1, RL2, C7, and C8). SMA
connectors are available at the outputs, and space for a transformer
is also available for differential-to-single-ended conversion.
The 4-pin headers, PRB3 and PRB4, are placed close to the AD8432,
and they provide a way for monitoring the differential output or
the single-ended output using a high impedance differential probe.
The two inner pins of the headers are connected to OPL/OPH,
and the two outer pins of the headers are connected to ground.
There are several footprints provided to install ac coupling
capacitors at the outputs (C7 to C14). The AD8432 outputs are
biased internally at 2.5 V. To maintain the dc bias level, use coupling
capacitors between the outputs and the load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com