Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8432ACPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8432ACPZ-R7
Description  Dual-Channel Ultralow Noise Amplifier with Selectable Gain and Input Impedance
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8432ACPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8432ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 21Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 22Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
AD8432
Rev. 0 | Page 19 of 28
The single-ended gain from INH to OPH (see Figure 60) is
defined as
G1
G4
G3
G2
G1
INH
OPH
R
R
R
R
R
G
+
+
+
=
The single-ended gain from INH to OPL is defined as
G1
G7
G6
G5
INH
OPL
R
R
R
R
G
+
+
=
The values of the seven gain resistors were chosen so that both
single-ended gains are equal. For example, to set a gain of
12.04 dB (G = ×4) differentially, the gain from INH to each
output (OPH, OPL) should be 6.02 dB (G = ×2).
INH to OPH: For RG1 = RG2 = RG, then
2
2
=
×
=
+
=
G
G
G1
G2
G1
INH
OPH
R
R
R
R
R
G
INH to OPL: For RG1 = RG and RG5 = 2 × RG, then
2
2
=
×
=
=
G
G
G1
G5
INH
OPL
R
R
R
R
G
ACTIVE INPUT RESISTANCE MATCHING
The AD8432 reduces noise and optimizes signal power transfer
by using active input termination to perform signal source
resistance matching.
The primary purpose of input impedance matching is to optimize
the input signal power transfer. With resistive termination, the
input noise increases due to the thermal noise of the terminating
resistor and the increased contribution of the input voltage noise
generator of the LNA. With active impedance matching, however,
the contributions of both are smaller than they would be for
resistive termination by a factor of 1/(1 + ½LNA Gain). The
noise figure (NF) for the three terminating schemes are shown
in Figure 62.
LNA
RIN
VIN
VOUT
RS
INH
UNTERMINATED
LNA
RIN
VIN
VOUT
RS
RS
INH
RESISTIVE
TERMINATION
LNA
RIN
VIN
VOUT
RS
RFB
INH
ACTIVE
IMPEDANCE MATCH
Figure 61. Input Resistance Matching
To achieve this active impedance match, connect a feedback
resistor RFB between the INH and OPL (see Figure 61). RIN is
given in Equation 1, where G/2 is the single-ended gain.
2
1
G
R
R
FB
IN
+
=
(1)
In addition, to further reduce the input resistance, there is an
internal resistance of 6.2 kΩ in parallel with the source resistance,
such that
INTERNAL
FB
IN
R
G
R
R
2
1 +
=
(2)
Equation 3 should be used to calculate RFB accurately for a desired
input resistance and single-ended gain. Refer to Table 6 for
calculated results for RFB for several input resistance and gain
combinations.
2
.
6
,
1
2
1
=
⎛ +
=
INTERNAL
INTERNAL
IN
IN
FB
R
R
R
G
R
R
(3)
0
1
2
3
4
5
6
7
8
100
50
1000
RS (Ω)
(SIMULATED RESULTS)
ACTIVE IMPEDANCE
MATCH
UNTERMINATED
RESISTIVE TERMINATION
(RS = RIN)
Figure 62. Noise Figure vs. RS for Resistive, Active Match, and
Unterminated Inputs
0
2
6
4
8
10
12
14
16
18
100
50
1k
RS (Ω)
(SIMULATED RESULTS)
RIN = UNTERMINATED
RIN = 50Ω
RIN = 75Ω
RIN = 100Ω
RIN = 200Ω
RIN = 1kΩ
Figure 63. Noise Figure vs. RS for Various Values of RIN, Actively Matched



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com