Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8432ACPZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8432ACPZ-R7
Description  Dual-Channel Ultralow Noise Amplifier with Selectable Gain and Input Impedance
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8432ACPZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8432ACPZ-R7 Datasheet HTML 2Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD8432
Rev. 0 | Page 6 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
2
1
3
4
5
6
18
17
16
15
14
13
INH2
INL2
COMM
IND1
INL1
INH1
GOL2
OPL2
COM2
COM1
OPL1
GOL1
AD8432
TOP VIEW
(Not to Scale)
NOTES
1. EXPOSED PAD MUST BE CONNECTED
TO GROUND.
Figure 2. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
INH1
LNA1 Noninverting Input.
2
INL1
LNA1 Inverting Input (AC-Coupled to Ground).
3, 7
IND1, IND2
Integrated Input Clamping Back-to-Back Diodes.
4
COMM
Input Ground.
5
INL2
LNA2 Inverting Input (AC-Coupled to Ground).
6
INH2
LNA2 Noninverting Input.
8
VPS2
5 V Supply for LNA2.
9
OPH2
Noninverting Output of LNA2.
10
GOH2
Gain Setting Pin for LNA2.
11
GMH2
Gain Setting Pin for LNA2.
12
GML2
Gain Setting Pin for LNA2.
13
GOL2
Gain Setting Pin for LNA2.
14
OPL2
Inverting Output of LNA2.
15
COM2
LNA2 Output Ground.
16
COM1
LNA1 Output Ground.
17
OPL1
Inverting Output of LNA1.
18
GOL1
Gain Setting Pin for LNA1.
19
GML1
Gain Setting Pin for LNA1.
20
GMH1
Gain Setting Pin for LNA1.
21
GOH1
Gain Setting Pin for LNA1.
22
OPH1
Noninverting Output of LNA1.
23
VPS1
5 V Supply of LNA1 .
24
ENB
Enable.
EPAD
Exposed pad must be connected to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com