Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8432ACPZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8432ACPZ-R7
Description  Dual-Channel Ultralow Noise Amplifier with Selectable Gain and Input Impedance
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8432ACPZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8432ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 21Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 22Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 23Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 24Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AD8432
Rev. 0 | Page 21 of 28
APPLICATIONS INFORMATION
The AD8432 LNA provides precision gain and ultralow noise
performance with minimal external components. Because it is
a high performance part, care must be taken to ensure that it is
configured optimally to attain the best performance and dynamic
range for the system.
TYPICAL SETUP
The internal bias circuitry of the AD8432 sets the input bias
voltage at 3.25 V and the output bias voltage at 2.5 V. It is important
to ac-couple the inputs through a capacitor to maintain the internal
dc bias levels. When active input termination is used (RFB), a
decoupling capacitor (CFB) is required to isolate the input and
output bias voltages of the LNA. A typical value for CFB is 0.1 μF, but
a smaller value capacitor is more appropriate at higher frequencies.
The unterminated input impedance of the AD8432 is 6.2 kΩ.
Any input resistance between 50 Ω and 6.2 kΩ can be synthesized
using active impedance matching.
At the lowest gain (12.04 dB), the gain response exhibits some
peaking at higher frequencies. An RC shunt network at the input
(see RSHx and CSHx in Figure 64) is recommended to reduce gain
peaking and enhance stability at higher frequencies.
Table 7 shows the recommended values of RFB, CSH, and RSH for
all four gains and several input impedance combinations. The
values for the CSH and RSH network are determined empirically
and can be customized as needed to optimize performance. As
RIN increases, the value of CSH diminishes, and for higher input
impedance values, no capacitor may be required.
RL
RSH2
15
CSH2
47pF
CL
OUT2+
OUT2–
LNA2
0.1µF
0.1µF
0.1µF
0.1µF
FB
120nH
IN2
INL2
IND2
INH2
OPH2
OPL2
GMH2
GOH2
GOL2
GML2
RFB2
CFB2
0.1µF
CFB1
0.1µF
AD8432
RL
RSH1
15
CSH1
47pF
CL
OUT1+
OUT1–
LNA1
BIAS
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
FB
120nH
IN1
INL1
IND1
INH1
OPH1
OPL1
GMH1
GOH1
GOL1
GML1
FB
120nH
RFB1
G = 12dB
COMM
VPS2
VPS1
ENB
Figure 64. Typical AD8432 Setup, G = 12.04 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com