Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8432ACPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8432ACPZ-R7
Description  Dual-Channel Ultralow Noise Amplifier with Selectable Gain and Input Impedance
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8432ACPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8432ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 21Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 22Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 23Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
AD8432
Rev. 0 | Page 20 of 28
The user must determine the level of matching accuracy desired
and adjust RFB accordingly. The RFB and CFB network presents a
load to OPL that OPH does not see. The user may add an identical
load on OPH, to improve slightly the distortion caused by this
imbalance.
There is a feedback capacitor (CFB) in series with RFB (see Figure 60)
because the dc levels of the positive output and the positive input
are different. At higher frequencies, the value of the feedback
capacitor needs to be considered.
The unterminated bandwidth (RFB = ∞) is 200 MHz. The AD8432
has a low input referred voltage noise of 0.85 nV/√Hz at the
lowest gain, 12.04 dB (unterminated configuration). To achieve
such low noise, the dual amplifier consumes 24 mA, resulting in
a power consumption of 120 mW.
Table 6. Feedback Resistance for Several RIN and Gain Combinations
Desired RIN (Ω)
Differential Gain (V/V)
Single-Ended Gain,
G/2 (V/V)
Exact RFB (Ω),
Equation 2
RFB (Ω), 1% Standard Value
Actual RIN (Ω),
Equation 2
50
4
2
151.2
150
49.6
75
4
2
227.8
226
74.4
100
4
2
304.9
301
98.7
200
4
2
620
619
199.7
1 k
4
2
3.58 k
3.57 k
998.4
50
8
4
252
250
49.6
100
8
4
508.2
511
100.5
50
12
6
352.9
357
50.6
100
12
6
711.5
715
100.5
50
16
8
453.7
453
49.9
100
16
8
914.8
909
99.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com