Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8432ACPZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # AD8432ACPZ-R7
Description  Dual-Channel Ultralow Noise Amplifier with Selectable Gain and Input Impedance
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8432ACPZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD8432ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 21Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 22Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 23Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 24Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 25Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 26Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 27Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
AD8432
Rev. 0 | Page 24 of 28
DIFFERENTIAL-TO-SINGLE-ENDED CONVERSION
Some applications require the low noise and high dynamic
range of the AD8432; however, they may also require a single-
ended output, rather than a differential output. The AD8129
and AD8130 differential receiver amplifier can be used for the
differential-to-single-ended conversion of the AD8432 output,
as shown in Figure 67.
The AD8129 is a low noise, high gain (10 or greater) amplifier
intended for applications over very long cables, where signal
attenuation is significant. The AD8130 is stable at a gain of 1
and can be used for applications where lower gains are required.
The AD8129 and AD8130 have user-adjustable gain, set by the
ratio of two resistors, to help compensate for losses in the
transmission line.
A transformer or balun can also be used to convert the differential
output of the AD8432 to a single-ended output. Transformers
have lower distortion; however, care must be taken to properly
match the impedance of the transformer. The test circuit for
distortion measurements in Figure 53 uses an ADTT1-1
transformer to perform differential-to-single-ended conversion.
–
–
+
+
1
8
4
5
6
7
2
–VS
+VS
VOUT1
BIAS
INL1
IND1
INH1
ENB
VPS1
VPS2
COMM
OPH1
OPL1
LNA1
IN1
20
Ω
499
Ω
499
Ω
20
Ω
RSH1
15
Ω
CSH1
47pF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
GMH1
GOH1
GOL1
GML1
SERIES R IF DRIVING
HIGH CAP LOAD
AC-COUPLING CAPS
(AD8432 HAS 2.5V
OUTPUT BIAS)
AD8130
R’S PROVIDE BIAS CURRENT
PATH AND TERMINATION
IF NECESSARY
G = 12 dB
Figure 67. AD8432 Differential-to-Single-Ended Conversion Using the AD8129/AD8130 with Unity Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com