Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8432ACPZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # AD8432ACPZ-R7
Description  Dual-Channel Ultralow Noise Amplifier with Selectable Gain and Input Impedance
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8432ACPZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD8432ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 21Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 22Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 23Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 24Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 25Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 26Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 27Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
AD8432
Rev. 0 | Page 25 of 28
EVALUATION BOARD
Figure 68 shows the AD8432 evaluation board, and the schematic
diagram is shown in Figure 69. Using the board is a convenient
and fast way to verify system design and assess the performance of
the AD8432 under the user-specific operating conditions. The
board provides access to all LNA inputs, outputs, and gain setting
pins. The board is shipped in a typical G = 12.04 dB configuration
but is designed to allow customization of the setup as required.
The AD8432-EVALZ requires a single 5 V power supply. An
on-board switch (S1) allows VPS to drive the enable (ENB) input.
GAIN SETTING
Headers (W5 to W12) are provided across the gain setting pins
and can be shorted using jumpers to allow gain setting quickly
and easily. Alternately, it is recommended to short the gain setting
pins using surface-mount (0402), 0 Ω resistors (R1 to R4, R9 to
R12) that eliminate the small parasitic capacitances from longer
trace lengths to the headers. As shipped, the evaluation board is
configured for G = 12.04 dB with these 0 Ω resistors.
Table 8 outlines which resistors or headers need to be installed or
shorted for each gain configuration.
Table 8. Gain Setting Using Resistors or Headers
Gain (V/V)
LNA1
LNA2
4
8
12
16
R1
W5
R9
W9
X1
X1
R2
W6
R10
W10
X1
X1
R3
W7
R11
W11
X1
X1
R4
W8
R12
W12
X1
X1
1 X = shorting the indicated header or resistor.
Figure 68. Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com