Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8432ACPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8432ACPZ-R7
Description  Dual-Channel Ultralow Noise Amplifier with Selectable Gain and Input Impedance
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8432ACPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8432ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD8432
Rev. 0 | Page 10 of 28
0
2
4
6
8
10
12
14
16
18
20
0.01
0.1
1
10
100
FREQUENCY (MHz)
G = 24.08dB
G = 21.58dB
G = 18.06dB
G = 12.04dB
Figure 21. Output Voltage Noise vs. Frequency
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
1
10
100
FREQUENCY (MHz)
LOW TONE
HIGH TONE
Figure 22. IMD3 vs. Frequency
0
5
10
15
20
25
30
35
40
45
50
1
10
100
G = 24.08dB
G = 12.04dB
FREQUENCY (MHz)
Figure 23. Output Third-Output Intercept vs. Frequency
–110
–100
–90
–80
–70
–60
–50
–40
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
VOUT (V p-p)
HD2, 10MHz
HD2, 1MHz
HD3, 10MHz
HD3, 1MHz
MEASUREMENT
LIMIT
Figure 24. Harmonic Distortion vs. Differential Output Voltage, G = 12.04 dB
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
–110
–100
–90
–80
–70
–60
–50
–40
VOUT (V p-p)
HD2, 10MHz
HD2, 1MHz
HD3, 10MHz
HD3, 1MHz
MEASUREMENT
LIMIT
Figure 25. Harmonic Distortion vs. Differential Output Voltage, G = 24.08 dB
–110
–100
–90
–80
–70
–60
–50
0
5
10
15
20
25
CL (pF)
HD2, 10MHz, 2V p-p
HD2, 10MHz, 1V p-p
HD3, 10MHz, 2V p-p
HD3, 10MHz, 1V p-p
HD2, 1MHz, 1V p-p
HD2, 1MHz, 2V p-p
HD3, 1MHz, 2V p-p
HD3, 1MHz, 1V p-p
Figure 26. Harmonic Distortion vs. Capacitive Load (CL), G = 12.04 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com