Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8432ACPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8432ACPZ-R7
Description  Dual-Channel Ultralow Noise Amplifier with Selectable Gain and Input Impedance
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8432ACPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8432ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
AD8432
Rev. 0 | Page 17 of 28
DIFF
PROBE
RSH
RFB
CSH
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
499
Ω
5pF
499
Ω
5pF
X
Y
1MHz
MULTIPLIER
CH1
10MHz
OSCILLOSCOPE
INH
INL
AD8432
LNA1
Figure 56. Overdrive Recovery Measurements
50
Ω
0.1µF
INH
OPL
OPH
0.1µF
INL
0.1µF
499
Ω
5pF
0.1µF
5pF
499
Ω
NETWORK
ANALYZER
OUT
0.1µF
RSH
CSH
RFB
AD8432
LNA1
Figure 57. Input Impedance vs. Frequency Measurements
50
Ω
0.1µF
INH
OPL
OPH
0.1µF
INL
0.1µF
499
Ω
0.1µF
NETWORK
ANALYZER
0.1µF
RSH
CSH
RFB
AD8130
LNA1
Figure 58. Output Impedance vs. Frequency Measurements
0.1µF
0.1µF
OPL1
OPH1
INH1
INL1
0.1µF
0.1µF
AD8129
G = 10
1k
Ω
50
Ω
1k
Ω
–IN
+IN
OUT
SPECTRUM
ANALYZER
0.1µF
RFB
RS
AD8432
LNA1
Figure 59. Noise Figure Measurements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com