Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8432ACPZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8432ACPZ-R7
Description  Dual-Channel Ultralow Noise Amplifier with Selectable Gain and Input Impedance
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8432ACPZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  AD8432ACPZ-R7 Datasheet HTML 1Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 2Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8432ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
AD8432
Rev. 0 | Page 3 of 28
SPECIFICATIONS
VS = 5 V, TA = 25°C, RS = RIN = 50 Ω, RFB =150 Ω, CSH = 47 pF, RSH = 15 Ω, RL = 500 Ω (per SE output), CL = 5 pF (per SE output),
G = 12.04 dB (single-ended input to differential output), f = 1 MHz, unless otherwise specified.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Gain Range
Input to differential output (selectable gain)
12.04
24.08
dB
Input to single output (selectable gain)
6.02
18.06
dB
Gain Error
0.1
1
dB
−3 dB Small Signal Bandwidth
RIN unterminated, RFB = ∞, CSH = 0 pF, RSH = 0 Ω
G = 12.04 dB
200
MHz
G = 18.06 dB
90
MHz
G = 21.58 dB
50
MHz
G = 24.08 dB
32
MHz
−3 dB Large Signal Bandwidth
VOUT = 2 V p-p
42
MHz
Slew Rate (Rising Edge)
VOUT = 2 V p-p, f = 10 MHz
295
V/μs
Slew Rate (Falling Edge)
VOUT = 2 V p-p, f = 10 MHz
170
V/μs
Overdrive Recovery Time
10
ns
DISTORTION/NOISE PERFORMANCE
Input Voltage Noise
RFB = ∞
0.85
nV/√Hz
Input Current Noise
RFB = ∞
2.0
pA/√Hz
Noise Figure
Unterminated
RS = 50 Ω, RFB = ∞
2.8
dB
Active Termination
RS = RIN = 50 Ω, RFB = 150 Ω
4.8
dB
RS = 50 Ω, RFB = 226 Ω, RIN = 75 Ω
4.2
dB
RS = 50 Ω, RFB = 301 Ω, RIN = 100 Ω
3.2
dB
RS = 50 Ω, RFB = 619 Ω, RIN = 200 Ω
2.1
dB
RS = 50 Ω, RFB = 3.57 kΩ, RIN = 1 kΩ
2.3
dB
Output Referred Noise
G = 12.04 dB, RFB = ∞
3.4
nV/√Hz
G = 18.06 dB, RFB = ∞
6.8
nV/√Hz
G = 21.58 dB, RFB = ∞
10.2
nV/√Hz
G = 24.08 dB, RFB = ∞
13.6
nV/√Hz
Harmonic Distortion
1 MHz (VOUT = 1 V p-p)
HD2
−67
dBc
HD2, RS = 50 Ω, RIN unterminated
−74
dBc
HD3
−103
dBc
HD3, RS = 50 Ω, RIN unterminated
−106
dBc
1 MHz (VOUT = 2 V p-p)
HD2
−65
dBc
HD2, RS = 50 Ω, RIN unterminated
−72
dBc
HD3
−103
dBc
HD3, RS = 50 Ω, RIN unterminated
−92
dBc
10 MHz (VOUT = 1 V p-p)
HD2
−66
dBc
HD2, RS = 50 Ω, RIN unterminated
−62
dBc
HD3
−78
dBc
HD3, RS = 50 Ω, RIN unterminated
−73
dBc
10 MHz (VOUT = 2 V p-p)
HD2
−60
dBc
HD2, RS = 50 Ω, RIN unterminated
−56
dBc
HD3
−72
dBc
HD3, RS = 50 Ω, RIN unterminated
−65
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com