Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5380-1.8/1.2YFT Datasheet (PDF) - Micrel Semiconductor

MIC5380-1.8/1.2YFT Datasheet PDF - Micrel Semiconductor
Part # MIC5380-1.8/1.2YFT
Download  MIC5380-1.8/1.2YFT Download
File Size   351.91 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description High Performance Dual 150mA LDO 1mm x 1mm Thin MLF

MIC5380-1.8/1.2YFT Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5380-1.8/1.2YFT Datasheet PDF - Micrel Semiconductor

Part # MIC5380-1.8/1.2YFT
Download  MIC5380-1.8/1.2YFT Click to download

File Size   351.91 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description High Performance Dual 150mA LDO 1mm x 1mm Thin MLF

MIC5380-1.8/1.2YFT Datasheet (HTML) - Micrel Semiconductor




Similar Part No. - MIC5380-1.8/1.2YFT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5383-MG4YMT MICREL-MIC5383-MG4YMT Datasheet
873Kb / 19P
Triple 200mA 關Cap LDO in 2.5 x 2.5 Thin MLF
MIC5384-MG44YMT MICREL-MIC5384-MG44YMT Datasheet
896Kb / 22P
Triple 200mA 關Cap LDO and 1mA RTC LDO in 2.5mm x 2.5mm Thin MLF짰
MIC5385 MICREL-MIC5385 Datasheet
609Kb / 13P
Ultra Small Triple 150mA Output LDO
MIC5385-SGFYMT MICREL-MIC5385-SGFYMT Datasheet
609Kb / 13P
Ultra Small Triple 150mA Output LDO
MIC5387 MICREL-MIC5387 Datasheet
547Kb / 12P
Ultra-Small Triple 150mA Output LDO
More results


Similar Description - MIC5380-1.8/1.2YFT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5310 MICREL-MIC5310 Datasheet
282Kb / 10P
Dual, 150mA uCap LDO in 2mm x 2mm MLF
MIC5302 MICREL-MIC5302 Datasheet
354Kb / 8P
150mA ULDO in Ultra Small 1.2mm x 1.6mm Thin MLF
logo
Advanced Analog Technol...
AAT3215 AAT-AAT3215 Datasheet
348Kb / 18P
150mA CMOS High Performance LDO
3215.2006.05.1.6
logo
Advanced Analogic Techn...
AAT3218 ANALOGICTECH-AAT3218 Datasheet
372Kb / 18P
150mA MicroPower??High Performance LDO
AAT3215 ANALOGICTECH-AAT3215_06 Datasheet
348Kb / 18P
150mA CMOS High Performance LDO
logo
Micrel Semiconductor
MIC5302 MICREL-MIC5302_10 Datasheet
354Kb / 8P
150mA ULDO in Ultra-Small 1.2mm x 1.6mm Thin MLF
MIC5370 MICREL-MIC5370_11 Datasheet
346Kb / 13P
High-Performance Dual 150mA LDO 1.6mm x 1.6mm Thin MLF짰
MIC5392 MICREL-MIC5392 Datasheet
89Kb / 2P
High-Performance Dual 150mA LDO
logo
LUMEX INC.
SSL-LX15583GD LUMEX-SSL-LX15583GD Datasheet
53Kb / 1P
1mm X 5mm Rectangular LED
SSL-LX15583ID LUMEX-SSL-LX15583ID Datasheet
53Kb / 1P
1mm X 5mm Rectangular LED
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com