Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7858EBZ Datasheet (PDF) - Analog Devices

EVAL-ADE7858EBZ Datasheet PDF - Analog Devices
Part # EVAL-ADE7858EBZ
Download  EVAL-ADE7858EBZ Download
File Size   1344.0 Kbytes
Page   76 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Poly Phase Multifunction Energy Metering IC with per Phase Active and Reactive Powers

EVAL-ADE7858EBZ Datasheet (PDF)

Go To PDF Page Download Datasheet
EVAL-ADE7858EBZ Datasheet PDF - Analog Devices

Part # EVAL-ADE7858EBZ
Download  EVAL-ADE7858EBZ Click to download

File Size   1344.0 Kbytes
Page   76 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Poly Phase Multifunction Energy Metering IC with per Phase Active and Reactive Powers

EVAL-ADE7858EBZ Datasheet (HTML) - Analog Devices


EVAL-ADE7858EBZ Product details

GENERAL DESCRIPTION
The ADE7854/ADE7858/ADE7868/ADE7878 are high accuracy, 3-phase electrical energy measurement ICs with serial interfaces and three flexible pulse outputs. The ADE78xx devices incorporate second-order sigma-delta (Σ-∆) analog-to-digital converters (ADCs), a digital integrator, reference circuitry, and all of the signal processing required to perform total (fundamental and harmonic) active, reactive (ADE7878, ADE7868, and ADE7858), and apparent energy measurement and rms calculations, as well as fundamental-only active and reactive energy measurement (ADE7878) and rms calculations. A fixed function digital signal processor (DSP) executes this signal processing. The DSP program is stored in the internal ROM memory.

FEATURES
    Highly accurate; supports EN 50470-1, EN 50470-3, IEC 62053-21, IEC 62053-22, and IEC 62053-23 standards
    Compatible with 3-phase, 3- or 4-wire (delta or wye), and other 3-phase services
    Supplies total (fundamental and harmonic) active, reactive (ADE7878, ADE7868, and ADE7858 only), and apparent energy, and fundamental active/reactive energy (ADE7878 only) on each phase and on the overall system
    Less than 0.1% error in active and reactive energy over a dynamic range of 1000 to 1 at TA = 25°C
    Less than 0.2% error in active and reactive energy over a dynamic range of 3000 to 1 at TA = 25°C
    Supports current transformer and di/dt current sensors
    Dedicated ADC channel for neutral current input (ADE7868 and ADE7878 only)
    Less than 0.1% error in voltage and current rms over a dynamic range of 1000 to 1 at TA = 25°C
    Supplies sampled waveform data on all three phases and on neutral current
    Selectable no load threshold levels for total and fundamental active and reactive powers, as well as for apparent powers
    Low power battery mode monitors phase currents for antitampering detection (ADE7868 and ADE7878 only)
    Battery supply input for missing neutral operation Phase angle measurements in both current and voltage channels with a typical 0.3° error
    Wide-supply voltage operation: 2.4 V to 3.7 V
    Reference: 1.2 V (drift +5 ppm/°C typical) with external overdrive capability
    Single 3.3 V supply
    40-lead lead frame chip scale package (LFCSP), Pb-free
    Operating temperature: −40°C to +85°C
    Flexible I2C, SPI, and HSDC serial interfaces

APPLICATIONS
    Energy metering systems




Similar Part No. - EVAL-ADE7858EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADE7816EBZ AD-EVAL-ADE7816EBZ Datasheet
677Kb / 48P
Six Current Channels, One Voltage Channel
REV. 0
EVAL-ADE7880EBZ AD-EVAL-ADE7880EBZ Datasheet
1Mb / 104P
Polyphase Multifunction Energy Metering IC
REV. A
More results


Similar Description - EVAL-ADE7858EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7758 AD-ADE7758 Datasheet
1Mb / 68P
Poly Phase Multifunction Energy Metering IC with Per Phase Information
9/04-Changed from Rev. 0 to Rev. A
ADE7754 AD-ADE7754 Datasheet
630Kb / 44P
Poly-phase Multi-Function Energy Metering IC with Serial Port
ADE7763 AD-ADE7763 Datasheet
1Mb / 56P
Single-Phase Active and Apparent Energy Metering IC
10/04-Data Sheet Changed from Rev. 0 to Rev. A
ADE7878 AD-ADE7878 Datasheet
1Mb / 92P
Polyphase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
REV. 0
logo
Integrated Device Techn...
90E32 IDT-90E32 Datasheet
877Kb / 71P
Poly-Phase High-Performance Wide-Span Energy Metering IC
logo
Analog Devices
ADE7763 AD-ADE7763_13 Datasheet
828Kb / 56P
Single-Phase Active and Apparent Energy Metering IC
REV. C
ADE7758 AD-ADE7758_15 Datasheet
979Kb / 72P
Poly Phase Multifunction Energy Metering IC with Per Phase Information
Rev. E
ADE7763 AD-ADE7763_15 Datasheet
828Kb / 56P
Single-Phase Active and Apparent Energy Metering IC
REV. C
logo
Sames
SA9903B SAMES-SA9903B_17 Datasheet
530Kb / 17P
Single Phase Multifunction Energy Metering IC
SA9904B SAMES-SA9904B_17 Datasheet
552Kb / 18P
Three Phase Multifunction Energy Metering IC
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com