Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7858EBZ Datasheet(PDF) 5 Page - Analog Devices

Part # EVAL-ADE7858EBZ
Description  Poly Phase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7858EBZ Datasheet(HTML) 5 Page - Analog Devices

  EVAL-ADE7858EBZ Datasheet HTML 1Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 2Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 3Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 4Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 5Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 6Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 7Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 8Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 76 page
background image
Preliminary Technical Data
ADE7858
Rev. PrA | Page 5 of 76
SPECIFICATIONS
VDD = 3.3 V ± 10%, AGND = DGND = 0 V, on-chip reference, CLKIN = 16.384 MHz, TMIN to TMAX = −40°C to +85°C.
Table 1.
Parameter1, 2
Specification
Unit
Test Conditions/Comments
ACCURACY
ACTIVE ENERGY MEASUREMENT
Total Active Energy Measurement Error
(per Phase)
0.1
% typ
Over a dynamic range of 1000 to 1, PGA=1,2,4;integrator off
0.2
% typ
Over a dynamic range of 3000 to 1, PGA=1,2,4; integrator off
0.1
%typ
Over a dynamic range of 500 to 1, PGA = 8, 16; integrator on
Phase Error Between Channels
Line frequency = 45 Hz to 65 Hz, HPF on
PF = 0.8 Capacitive
±0.05
°max
Phase lead 37°
PF = 0.5 Inductive
±0.05
°max
Phase lag 60°
AC Power Supply Rejection
TBD Conditions
Output Frequency Variation
0.01
% typ
DC Power Supply Rejection
TBD Conditions
Output Frequency Variation
0.01
% typ
Total Active Energy Measurement
Bandwidth
2
kHz typ
REACTIVE ENERGY MEASUREMENT
Total Reactive Energy Measurement
Error (per Phase)
0.1
% typ
Over a dynamic range of 1000 to 1, PGA=1,2,4;integrator off
0.2
% typ
Over a dynamic range of 3000 to 1, PGA=1,2,4;integrator off
0.1
%typ
Over a dynamic range of 500 to 1, PGA = 8, 16; integrator on
Phase Error Between Channels
Line frequency = 45 Hz to 65 Hz, HPF on
PF = 0.8 Capacitive
±0.05
°max
Phase lead 37°
PF = 0.5 Inductive
±0.05
°max
Phase lag 60°
AC Power Supply Rejection
TBD Conditions
Output Frequency Variation
0.01
% typ
DC Power Supply Rejection
TBD Conditions
Output Frequency Variation
0.01
% typ
Total Reactive Energy Measurement
Bandwidth
2
kHz typ
RMS MEASUREMENTS
IRMS and VRMS Measurement
Bandwidth
2
kHz typ
IRMS and VRMS Measurement Error
(PSM0 mode3)
0.1
% typ
Over a dynamic range of 1000:1, PGA=1
ANALOG INPUTS
Maximum Signal Levels
±500
mV peak,
Max
Differential inputs: IAP-IAN, IBP-IBN, ICP-ICN
Single ended inputs: VAP-VN, VBP-VN, VCP-VN
Input Impedance (DC)
400
kΩ min
ADC Offset Error
±25
mV max
Uncalibrated error, see the Terminology section
Gain Error
±4
% typ
External 1.2 V reference
WAVEFORM SAMPLING
Sampling CLKIN/2048, 16.384 MHz/2048 = 8 kSPS
Current and Voltage Channels
See Waveform Sampling Mode chapter
Signal-to-Noise Ratio
55
dB typ
Signal-to-Noise Plus Distortion
62
dB typ
Bandwidth (−3 dB)
2
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com