Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7858EBZ Datasheet(PDF) 52 Page - Analog Devices

Part # EVAL-ADE7858EBZ
Description  Poly Phase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7858EBZ Datasheet(HTML) 52 Page - Analog Devices

Back Button EVAL-ADE7858EBZ Datasheet HTML 48Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 49Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 50Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 51Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 52Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 53Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 54Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 55Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 76 page
background image
ADE7858
Preliminary Technical Data
Rev. PrA| Page 52 of 76
Figure 60. I2C Write Operation of a 32 bit register
S
ACK generated by
Master
01
11
00
0
S
T
A
R
T
A
C
K
slave address
N
O
A
C
K
Byte3 (MS) of reg
A
C
K
Byte2 of reg
A
C
K
Byte1of reg
S
S
T
O
P
70
15
8
31
16
1
A
C
K
Byte0 (LS) of reg
70
0
S 01 11 00 0
S
T
A
R
T
A
C
K
MS 8 bits of reg
address
slave address
A
C
K
LS 8 bits of reg
address
A
C
K
15
8
7
0
ACK generated by
ADE7858
ACK generated by
ADE7858
Figure 61. I2C Read Operation of a 32-bit register
SPI Compatible Interface
The Serial Peripheral Interface (SPI) of the ADE7858 is always
a slave of the communication and consists in four pins: SCLK,
MOSI, MISO and SS . The serial clock for a data transfer is
applied at the SCLK logic input. This logic input has a Schmitt
trigger input structure that allows slow rising (and falling) clock
edges to be used. All data transfer operations are synchronized
to the serial clock. Data is shifted into the ADE7858 at the
MOSI logic input on the falling edge of SCLK and ADE7858
samples it on the rising edge of SCLK. Data is shifted out of the
ADE7858 at the MISO logic output on a falling edge of SCLK
and can be sampled by the master device on the raising edge of
SCLK. The most significant bit of the word is shifted in and out
first. The maximum serial clock frequency supported by this
interface is 2.5MHz. MISO stays in high impedance when no
data is transmitted from the ADE7858. Figure 62 presents
details of the connection between ADE7858 SPI and a master
device containing an SPI interface.
The SS logic input is the chip select input. This input is used
when multiple devices share the serial bus. The SS input
should be driven low for the entire data transfer operation.
Bringing SS high during a data transfer operation aborts the
transfer and places the serial bus in a high impedance state. A
new transfer can then be initiated by bringing the SS logic
input back low. However, because aborting a data transfer
before completion leaves the accessed register in a state that
cannot be guaranteed, every time a register is written, its value
should be verified by reading it back.
ADE7858
MOSI
SCLK
SS\
SPI
device
MOSI
SCK
SS\
MISO
MISO
Figure 62. Connecting ADE7858 SPI with an SPI device
The protocol is similar to the protocol used in I2C interface.
SPI Read Operation
The read operation using the SPI interface of the ADE7858
initiates when the master sets SS pin low and begins sending
one byte representing the address of the ADE7858 on the
MOSI line. The master sets data on the MOSI line starting with
the first high to low transition of SCLK. The SPI of the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com