Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7858EBZ Datasheet(PDF) 62 Page - Analog Devices

Part # EVAL-ADE7858EBZ
Description  Poly Phase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7858EBZ Datasheet(HTML) 62 Page - Analog Devices

Back Button EVAL-ADE7858EBZ Datasheet HTML 58Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 59Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 60Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 61Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 62Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 63Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 64Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 65Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 76 page
background image
ADE7858
Preliminary Technical Data
Rev. PrA| Page 62 of 76
Address
Name
R/W1
Bit
Length
Bit Length
during
comm2
Type3
Default
Value
Description
0xE610
CFMODE
R/W
16
16
U
0x0E88
CFx, x=1,2,3 configuration register. (See Table 36)
0xE611
CF1DEN
R/W
16
16
U
0x0000
CF1 denominator
0xE612
CF2DEN
R/W
16
16
U
0x0000
CF2 denominator
0xE613
CF3DEN
R/W
16
16
U
0x0000
CF3 denominator
0xE614
APHCAL
R/W
10
16 ZP
U
0x0000
Phase calibration of phase A. (See Table 37)
0xE615
BPHCAL
R/W
10
16 ZP
U
0x0000
Phase calibration of phase B. (See Table 37)
0xE616
CPHCAL
R/W
10
16 ZP
U
0x0000
Phase calibration of phase C. (See Table 37)
0xE617
PHSIGN
R
16
16
U
NA
Power sign register. (See Table 38)
0xE618
CONFIG
R/W
16
16
U
0x0000
ADE7858 configuration register. (See Table 39)
0xE700
MMODE
R/W
8
8
U
0x16
Measurement mode register. (See Table 40)
0xE701
ACCMODE
R/W
8
8
U
0x00
Accumulation mode register. (SeeTable 41)
0xE702
LCYCMODE
R/W
8
8
U
0x78
Line accumulation mode behavior. (See Table 42)
0xE703
PEAKCYC
R/W
8
8
U
0x00
Peak detection half line cycles
0xE704
SAGCYC
R/W
8
8
U
0x00
Sag detection half line cycles
0xE705
CFCYC
R/W
8
8
U
0x01
Number of CF pulses between two consecutive
energy latches. See Synchronizing energy registers
with CFx outputs section
0xE706
HSDC_CFG
R/W
8
8
U
0x00
HSDC configuration register. (See Table 43)
0xE707
VERSION
R/W
8
8
U
-
Version of die
0xEBFF
reserved
8
8
This address may be used in manipulating the
SS pin when SPI is chosen as the active port. (See
Serial Interfaces chapter for details)
0xEC00
Reserved
N/A
N/A
N/A
N/A
N/A
For proper operation, do not write to this address.
0xEC01
CONFIG2
R/W
8
8
U
0x00
Configuration register used during PSM1 mode. (See
Table 44)
1 R=read
W=write
2 32 ZP=24 or 20-bit signed or unsigned register that is transmitted as a 32-bit word with 8 or respectively 12 most significant bits padded with 0s
32 SE=24-bit signed register that is transmitted as a 32-bit word sign extended to 32 bits
16 ZP=10-bit unsigned register that is transmitted as a 16-bit word with 6 most significant bits padded with 0s
3 U=unsigned register
S=signed register in two’s complement format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com