Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7858EBZ Datasheet(PDF) 12 Page - Analog Devices

Part # EVAL-ADE7858EBZ
Description  Poly Phase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7858EBZ Datasheet(HTML) 12 Page - Analog Devices

Back Button EVAL-ADE7858EBZ Datasheet HTML 8Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 9Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 10Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 11Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 12Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 13Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 14Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 15Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 76 page
background image
ADE7858
Preliminary Technical Data
Rev. PrA| Page 12 of 76
25
AGND
This pin provides the ground reference for the analog circuitry in the ADE7858. This pin
should be tied to the analog ground plane or the quietest ground reference in the system.
This quiet ground reference should be used for all analog circuitry, for example, antialiasing
filters, current, and voltage transducers.
26
VDD
This pin provides the supply voltage for the ADE7858. In PSM0 (normal power mode) the
supply voltage should be maintained at 3.3 V ± 10% for specified operation. In PSM1
(reduced power mode), PSM2 (low power mode) and PSM3 (sleep mode), when the
ADE7858 is supplied from a battery, the supply voltage should be maintained between 2.4
and 3.7V. This pin should be decoupled to DGND with a 10 μF capacitor in parallel with a
ceramic 100 nF capacitor.
27
CLKIN
Master Clock for ADE7858. An external clock can be provided at this logic input.
Alternatively, a parallel resonant AT crystal can be connected across CLKIN and CLKOUT to
provide a clock source for the ADE7858. The clock frequency for specified operation is
16.384 MHz. Ceramic load capacitors of a few tens of picofarad should be used with the gate
oscillator circuit. Refer to the crystal manufacturer’s data sheet for the load capacitance
requirements.
28
CLKOUT
A crystal can be connected across this pin and CLKIN as previously described to provide a
clock source for the ADE7858. The CLKOUT pin can drive one CMOS load when either an
external clock is supplied at CLKIN or a crystal is being used.
29,
32
0
IRQ
,
1
IRQ
Interrupt Request Outputs. These are active low logic outputs. See the
Interrupts section for a detailed presentation of the events that may trigger interrupts.
33,34,35
CF1,CF2,CF3/HSCLK
Calibration Frequency (CF) Logic Outputs. Provide power information based on CF1SEL,
CF2SEL, CF3SEL bits in CFMODE register. These outputs are used for operational and
calibration purposes. The full-scale output frequency can be scaled by writing to the
respectively CF1DEN, CF2DEN, CF3DEN registers (see the Energy to Frequency Conversion
section).CF3 is multiplexed with the serial clock output of HSDC port.
36
SCLK/SCL
Serial Clock Input for SPI port / Serial Clock Input for I2C port. All serial data transfers are
synchronized to this clock (see the Serial Interfaces section). This pin has a Schmidt-trigger
input for use with a clock source that has a slow edge transition time, for example, opto-
isolator outputs.
37
MISO/HSD
Data Out for SPI port / Data Out for HSDC port
38
MOSI/SDA
Data In for SPI port / Data Out for I2C port
39
SS /HSA
Slave Select for SPI port / HSDC port active
EPAD
Exposed Pad
The exposed pad should be connected to AGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com