Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7858EBZ Datasheet(PDF) 46 Page - Analog Devices

Part # EVAL-ADE7858EBZ
Description  Poly Phase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7858EBZ Datasheet(HTML) 46 Page - Analog Devices

Back Button EVAL-ADE7858EBZ Datasheet HTML 42Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 43Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 44Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 45Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 46Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 47Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 48Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 49Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 76 page
background image
ADE7858
Preliminary Technical Data
Rev. PrA| Page 46 of 76
CF1 pulse based on
phase A and phase
B apparent powers
CFCYC=2
AVAHR, BVAHR, CVAHR latched
Energy registers reset
AVAHR, BVAHR, CVAHR latched
Energy registers reset
Figure 51.Synchronizing AVAHR and BVAHR with CF1
Bits 14, 13, 12 (CF3LATCH, CF2LATCH and CF1LATCH) of
CFMODE[15:0] register enable this process when set to 1.
When cleared to 0, the default state, no latch occurs. The
process is available even if the CFx output is not enabled by
CFxDIS bits in CFMODE[15:0].
CF outputs for various accumulation modes
The bits 1, 0 (WATTACC[1:0]) in ACCMODE[7:0] register
determine the accumulation modes of the total active powers
when signals proportional to the active powers are chosen at
CFx pins (bits CFxSEL[2:0], x=1,2,3 in CFMODE[15:0] register
are equal to 000). When WATTACC[1:0]=00, the default value,
the active powers are sign accumulated before entering the
energy to frequency converter. Figure 52 presents the way
signed active power accumulation works. Note that in this
mode, the CF pulses are perfectly synchronized with the active
energy accumulated in watt-hr registers because the powers are
sign accumulated in both data paths.
REVAPx bit
in STATUS0
POS
ACTIVE
POWER
NO-LOAD
THRESHOLD
NO-LOAD
THRESHOLD
ACTIVE
ENERGY
xWSIGN bit
in PHSIGN
APNOLOAD
SIGN=POSITIVE
NEG
POS
NEG
Figure 52. Active power signed accumulation mode
When WATTACC[1:0]=11, the active powers are accumulated
in absolute mode. When the powers are negative, they change
sign and are accumulated together with the positive power.
Figure 53 presents the way absolute active power accumulation
works. Note that in this mode, the watt-hr registers continue to
accumulate active powers in signed mode, even if the CF pulses
are generated based on the absolute accumulation mode.
The bits 3, 2 (VARACC[1:0]) in ACCMODE[7:0] register
determine the accumulation modes of the total and
fundamental reactive powers when signals proportional to the
reactive powers are chosen at CFx pins (bits CFxSEL[2:0], x=1,
2, 3 in CFMODE[15:0] register are equal to 001 or to 100).
When VARACC[1:0]=00, the default value, the reactive powers
are sign accumulated before entering the energy to frequency
converter. Figure 54 presents the way signed reactive power
accumulation works. Note that in this mode, the CF pulses are
perfectly synchronized with the reactive energy accumulated in
var-hr registers because the powers are sign accumulated in
both data paths.
APNOLOAD
SIGN=POSITIVE
REVAPx bit
in STATUS0
xWSIGN bit
in PHSIGN
ACTIVE
POWER
NO-LOAD
THRESHOLD
NO-LOAD
THRESHOLD
ACTIVE
ENERGY
POS
NEG
POS
NEG
Figure 53. Active power absolute accumulation mode
REVRPx bit
in STATUS0
xVARSIGN bit
in PHSIGN
REACTIVE
POWER
NO-LOAD
THRESHOLD
NO-LOAD
THRESHOLD
REACTIVE
ENERGY
POS
VARNOLOAD
SIGN=POSITIVE
NEG
POS
NEG
Figure 54. Reactive power signed accumulation mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com