Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7858EBZ Datasheet(PDF) 22 Page - Analog Devices

Part # EVAL-ADE7858EBZ
Description  Poly Phase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7858EBZ Datasheet(HTML) 22 Page - Analog Devices

Back Button EVAL-ADE7858EBZ Datasheet HTML 18Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 19Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 20Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 21Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 22Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 23Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 24Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 25Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 76 page
background image
ADE7858
Preliminary Technical Data
Rev. PrA| Page 22 of 76
As previously stated, the serial ports of the ADE7858 work on
32, 16 or 8-bit words. When IAWV, IBWV, ICWV 24-bit signed
registers are read from the ADE7858, they are transmitted
signed extended to 32 bits. See Figure 18 for details.
24 bit signed number
0
23
24
31
22
bit 23 is sign bit
bits 31-24 equal to
bit 23
Figure 18. 24-bit IxWV (x=A, B, C) are transmitted as 32-bit
signed words
The ADE7858 contains a High Speed Data Capture (HSDC)
port that is specially designed to provide fast access to the
waveform sample registers. See HSDC Interface section for
more details.
di/dt CURENT SENSOR AND DIGITAL INTEGRATOR
The di/dt sensor detects changes in the magnetic field caused by
the ac current. Figure 19 shows the principle of a di/dt current
sensor.
MAGNETIC FIELD CREATED BY CURRENT
(DIRECTLY PROPORTIONAL TO CURRENT)
+ EMF (ELECTROMOTIVE FORCE)
– INDUCED BY CHANGES IN
MAGNETIC FLUX DENSITY (di/dt)
Figure 19. Principle of a di/dt Current Sensor
The flux density of a magnetic field induced by a current is
directly proportional to the magnitude of the current. The
changes in the magnetic flux density passing through a conductor
loop generate an electromotive force (EMF) between the two
ends of the loop. The EMF is a voltage signal that is propor-
tional to the di/dt of the current. The voltage output from the
di/dt current sensor is determined by the mutual inductance
between the current carrying conductor and the di/dt sensor.
Due to the di/dt sensor, the current signal needs to be filtered
before it can be used for power measurement. On each phase
currents data paths, there is a built-in digital integrator to
recover the current signal from the di/dt sensor. The digital
integrator is disabled by default when the ADE7858 is powered
up and after reset. Setting bit 0 (INTEN) of the CONFIG[15:0]
register turns on the integrator. Figure 20 and Figure 21 show the
magnitude and phase response of the digital integrator.
Note that the integrator has a −20 dB/dec attenuation and
approximately −90° phase shift. When combined with a di/dt
sensor, the resulting magnitude and phase response should be a
flat gain over the frequency band of interest. However, the di/dt
sensor has a 20 dB/dec gain associated with it and generates
significant high frequency noise. An antialiasing filter of at least
the second order is needed to avoid that the noise alias back in
the band of interest when the ADC is sampling (see the
Antialiasing Filter section).
Figure 20. Combined Gain and Phase Response of the
Digital Integrator
DICOEFF[23:0] 24-bit signed register is used in the digital
integrator algorithm. At power up or after a reset, its value is
0x000000. Before turning on the integrator, this register must be
initialized with 0xFF8000. DICOEFF[23:0] is not used when
the integrator is turned off and can be left at 0x000000 in this
case.
–30
–15
–20
–25
–89.96
–89.97
–89.98
–89.99
30
35
40
45
50
55
60
65
70
FREQUENCY (Hz)
30
35
40
45
50
55
60
65
70
FREQUENCY (Hz)
Figure 21. Combined Gain and Phase Response of the
Digital Integrator (40 Hz to 70 Hz)
As previously stated, the serial ports of the ADE7858 work on
32, 16 or 8-bit words. Similar to the registers presented in
Figure 15, DICOEFF[23:0] 24-bit signed register is accessed as a
32-bit register with 4 most significant bits padded with 0s and
sign extended to 28 bits.
When the digital integrator is switched off, the ADE7858 can
be used directly with a conventional current sensor, such as a
current transformer (CT).
VOLTAGE CHANNEL ADC
Figure 22 shows the ADC and signal processing chain for the
input VA in the voltage channel. The VB and VC channels have



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com