Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7858EBZ Datasheet(PDF) 43 Page - Analog Devices

Part # EVAL-ADE7858EBZ
Description  Poly Phase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7858EBZ Datasheet(HTML) 43 Page - Analog Devices

Back Button EVAL-ADE7858EBZ Datasheet HTML 39Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 40Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 41Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 42Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 43Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 44Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 45Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 46Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 76 page
background image
Preliminary Technical Data
ADE7858
Rev. PrA | Page 43 of 76
Bit 4 (VAEHF) in STATUS0[31:0] register is set when bit 30 of
one of xVAHR, x=A, B, C registers changes, signifying one of
these registers is half full. As the apparent power is always
positive and xVAHR, x=A, B, C registers are signed, the VA-hr
registers become half full when they increment from
0x3FFFFFFF to 0x4000 0000. Interrupts attached to bit VAEHF
in STATUS0[31:0] register may be enabled by setting bit 4 in
MASK0[31:0] register. If enabled, the
0
IRQ pin is set low and
the status bit is set to 1 whenever one of the energy registers
xVAHR, x=A, B, C becomes half full. The status bit is cleared
and
0
IRQ pin is set back high by writing STATUS0 register
with the corresponding bit set to 1.
Setting bit 6 (RSTREAD) of LCYMODE[7:0] register enables a
read-with-reset for all va-hr accumulation registers, that is, the
registers are reset to 0 after a read operation.
Integration Time Under Steady Load
The discrete time sample period (T) for the accumulation
register is 125μs (1/8 KHz). With full-scale pure sinusoidal
signals on the analog inputs, the average word value representing
the apparent power is PMAX. If the VATHR threshold is set at
PMAX level, this means the DSP generates a pulse that is added
at VA-hr registers every 125 μs.
The maximum value that can be stored in the va-hr
accumulation register before it overflows is 231 − 1 or
0x7FFFFFFF. The integration time is calculated as
s
55
min
33
h
74
s
125
FFFF
,
FFF
7
x
0
Time
(42)
Energy Accumulation Mode
The apparent power accumulated in each VA-hr accumulation
register (AVAHR[31:0], BVAHR[31:0] or CVAHR[31:0])
depends on the configuration of bits 5,4 (CONSEL) in the
ACCMODE[7:0] register. The different configurations are
described in Table 16.
Table 16. Inputs to VA-Hr Accumulation Registers
CONSEL[1,0]
AVAHR
BVAHR
CVAHR
00
AVRMS ×
AIRMS
BVRMS ×
BIRMS
CVRMS ×
CIRMS
01
AVRMS ×
AIRMS
0
CVRMS ×
CIRMS
10
AVRMS ×
AIRMS
BVRMS ×
BIRMS
VB=-VA-VC
CVRMS ×
CIRMS
11
AVRMS ×
AIRMS
BVRMS ×
BIRMS
VB=-VA
CVRMS ×
CIRMS
Line Cycle Apparent Energy Accumulation Mode
As mentioned in Line Cycle Active Energy Accumulation Mode
section, in line cycle energy accumulation mode, the energy
accumulation can be synchronized to the voltage channel zero
crossings so that apparent energy can be accumulated over an
integral number of half line cycles. In this mode, the ADE7858
transfers the apparent energy accumulated in the 32-bit internal
accumulation registers into xVAHR[31:0], x=A,B,C registers
after an integral number of line cycles, as shown in Figure 48.
The number of half line cycles is specified in the
LINECYC[15:0] register.
The line cycle apparent energy accumulation mode is activated
by setting bit 2 (LVA) in the LCYCMODE[7:0] register. The
apparent energy accumulated over an integer number of zero
crossings is written to the VA-hr accumulation registers after
the LINECYC number of zero crossings is detected. When
using the line cycle accumulation mode, bit 6 (RSTREAD) of
the LCYCMODE[7:0] register should be set to Logic 0 because
the read with reset of VA-hr registers is not available in this
mode.
ACCUMULATOR
VAHR[47:0]
32 bit register
AVAHR[31:0]
ZERO CROSSING
DETECTION
(PHASE B)
ZERO CROSSING
DETECTION
(PHASE C)
ZERO CROSSING
DETECTION
(PHASE A)
ZXSEL[1] in
LCYCMODE[7:0]
ZXSEL[0] in
LCYCMODE[7:0]
ZXSEL[2] in
LCYCMODE[7:0]
CALIBRATION
CONTROL
LINECYC[15:0]
AIRMS
AVAGAIN
AVRMS
Figure 48. ADE7858 Line Cycle Apparent Energy Accumulation Mode
Phase A, Phase B, and Phase C zero crossings are, respectively,
included when counting the number of half-line cycles by
setting bits 5,4,3 (ZXSEL) in the LCYCMODE[7:0] register. Any
combination of the zero crossings from all three phases can be
used for counting the zero crossing. Only one phase should be
selected at a time for inclusion in the zero crossings count
during calibration.
For details on setting LINECYC[15:0] register and the interrupt
LENERGY associated with the line cycle accumulation mode,
see Line Cycle Active Energy Accumulation Mode section.
WAVEFORM SAMPLING MODE
The waveform samples of the current and voltage waveform, the
active, reactive, and apparent power multiplier outputs are
stored every 125μsec (8KHz rate) into 24-bit signed registers
that may be accessed through various serial ports of the
ADE7858. Table 17 presents the list of the registers and their
description.
Table 17. Waveform registers list
Register
Description
Register
Description
IAWV
Phase A current
CVA
Phase C apparent
power
VAWV
Phase A voltage
AWATT
Phase A active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com