Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7858EBZ Datasheet(PDF) 23 Page - Analog Devices

Part # EVAL-ADE7858EBZ
Description  Poly Phase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7858EBZ Datasheet(HTML) 23 Page - Analog Devices

Back Button EVAL-ADE7858EBZ Datasheet HTML 19Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 20Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 21Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 22Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 23Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 24Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 25Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 26Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 76 page
background image
Preliminary Technical Data
ADE7858
Rev. PrA | Page 23 of 76
similar processing chains. The ADC outputs are signed twos
complement 24-bit words and are available at a rate of 8 kSPS.
With the specified full-scale analog input signal of ±0.5 V, the
ADC produces its maximum output code value. This diagram
shows a full-scale voltage signal being applied to the differential
inputs VA and VN. The ADC output swings between
−5,928,256 (0xA558AC0) and +5,928,256 (0x5A7540).
Voltage Waveform Gain Registers
There is a multiplier in the signal path of each phase voltage.
The voltage waveform can be changed by ±100% by writing a
correspondent twos complement number to the 24-bit signed
current waveform gain registers (AVGAIN[23:0],
BVGAIN[23:0] and CVGAIN[23:0]). For example, if 0x400000
is written to those registers, the ADC output is scaled up by
50%. To scale the input by -50%, write 0xC00000 to the
registers. Equation (4) describes mathematically the function of
the current waveform gain registers.


23
2
Register
Gain
Voltage
of
Content
1
x
Output
DC
A
waveform
Voltage
(4)
Changing the content of AVGAIN[23:0], BVGAIN[23:0] and
CVGAIN[23:0] affects all calculations based on its voltage; that
is, it affects the corresponding phase active/reactive/apparent
energy and voltage rms calculation. In addition, waveform
samples are also scaled accordingly.
As previously stated, the serial ports of the ADE7858 work on
32, 16 or 8-bit words and the DSP works on 28 bits. As
presented in Figure 15, AVGAIN, BVGAIN and CVGAIN
registers are accessed as 32-bit registers with 4 most significant
bits padded with 0s and sign extended to 28 bits.
Voltage Channel HPF
As seen in Current Channel HPF section, the ADC outputs can
contain a dc offset that can create errors in power and rms
calculations. High Pass Filters (HPF) are placed in the signal
path of the phase voltages, similar to the ones in the current
channels. HPFDIS[23:0] register may enable or disable the
filters. See Current Channel HPF section for more details.
Voltage Channel Sampling
The waveform samples of the current channel are taken at the
output of HPF and stored into VAWV, VBWV and VCWV 24-
bit signed registers at a rate of 8kSPS. All power and rms
calculations remain uninterrupted during this process. Bit 17
(DREADY) in STATUS0[31:0] register is set when VAWV,
VBWV and VCWV registers are available to be read using I2C
or SPI serial ports. Setting bit 17 (DREADY) in MASK0[31:0]
register enables an interrupt to be set when the DREADY flag is
set. See Digital Signal Processor chapter for more details on bit
DREADY.
VAP
V
IN
VN
PGA3
ADC
PGA3 bits
GAIN[8:6]
x1, x2, x4,x8,
x16
REFERENCE
HPF
VOLTAGE RMS (VRMS)
CALCULATION
VAWV WAVEFORM
SAMPLE REGISTER
TOTAL ACTIVE POWER
CALCULATION
0V
+0.5V/GAIN
-0.5V/GAIN
V
IN
ANALOG INPUT RANGE
0V
ADC OUTPUT RANGE
0V
VOLTAGE CHANNEL
DATA RANGE
ZX SIGNAL
DATA RANGE
DSP
LPF1
ZX DETECTION
VOLTAGE PEAK,
OVERVOLTAGE, SAG
DETECT
0x5A7540=
5,928,256
0xA58AC0=
-5,928,256
0x5A7540=
5,928,256
0xA58AC0=
-5,928,256
AVGAIN[23:0]
HPFDIS[23:0]
Figure 22. Voltage Channel Data Path
As previously stated, the serial ports of the ADE7858 work on
32, 16 or 8-bit words. Similar to registers presented in Figure 18,
VAWV, VBWV and VCWV 24-bit signed registers are
transmitted signed extended to 32 bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com