Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7858EBZ Datasheet(PDF) 7 Page - Analog Devices

Part # EVAL-ADE7858EBZ
Description  Poly Phase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7858EBZ Datasheet(HTML) 7 Page - Analog Devices

Back Button EVAL-ADE7858EBZ Datasheet HTML 3Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 4Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 5Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 6Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 7Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 8Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 9Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 10Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 76 page
background image
Preliminary Technical Data
ADE7858
Rev. PrA | Page 7 of 76
TIMING CHARACTERISTICS
VDD = 3.3 V ± 10%, AGND = DGND = 0 V, on-chip reference, CLKIN = 16.384 MHz , TMIN to TMAX = −40°C to +85°C.
Table 2. I2C Compatible Interface Timing Parameter
Standard mode
Fast Mode
Parameter
Symbol
Min
Max
Min
Max
Unit
SCL clock frequency
fSCL
0
100
0
400
kHz
Hold time (repeated) START condition.
tHD;STA
4.0
0.6
μs
LOW period of SCL clock
tLOW
4.7
1.3
μs
HIGH period of SCL clock
tHIGH
4.0
0.6
μs
Set-up time for a repeated START condition
tSU;STA
4.7
0.6
μs
Data hold time
tHD;DAT
0
3.45
0
0.9
μs
Data setup time
tSU;DAT
250
100
ns
Rise time of both SDA and SCL signals
tr
1000
20
300
ns
Fall time of both SDA and SCL signals
tf
300
20
300
ns
Setup time for STOP condition
tSU;STO
4.0
0.6
μs
Bus free time between a STOP and START condition
tBUF
4.7
1.3
μs
Pulse width of suppressed spikes
tSP
na
50
ns
SDA
SCLK
t
f
START
CONDITION
START
CONDITION
STOP
CONDITION
t
LOW
t
r
t
SU;DAT
t
f
t
HD;STA
t
BUF
t
r
t
SU;STO
t
SU;STA
t
HIGH
t
HD;DAT
t
HD;STA
REPEATED START
CONDITION
t
SP
Figure 2. I2C Compatible Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com