Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7858EBZ Datasheet(PDF) 45 Page - Analog Devices

Part # EVAL-ADE7858EBZ
Description  Poly Phase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7858EBZ Datasheet(HTML) 45 Page - Analog Devices

Back Button EVAL-ADE7858EBZ Datasheet HTML 41Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 42Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 43Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 44Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 45Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 46Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 47Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 48Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 76 page
background image
Preliminary Technical Data
ADE7858
Rev. PrA | Page 45 of 76
powers, CF2 produces signals proportional to total reactive
powers and CF3 produces signals proportional to apparent
powers.
Table 18. CFxSEL, x=1,2,3 bits description
CFxSEL
Description
Registers latched when CFxLATCH=1
000
CFx signal proportional to the sum of total phase active powers
AWATTHR, BWATTHR, CWATTHR
001
CFx signal proportional to the sum of total phase reactive powers
AVARHR, BVARHR, CVARHR
010
CFx signal proportional to the sum of phase apparent powers
AVAHR, BVAHR, CVAHR
011 to 111
Reserved
Similar to the energy accumulation process, the energy to
frequency conversion is done in two stages. In the first stage,
the instantaneous phase powers obtained from the DSP at 8KHz
rate are shifted left 7 bits and then accumulated into an internal
register at 1MHz rate. When a threshold is reached, a pulse is
generated and the threshold is subtracted from the internal
register. The sign of the energy in this moment is considered the
sign of the sum of phase powers (see Sign of sum of phase
powers in CFx data path section for details). The threshold is
the same threshold used in various active, reactive and
appearent energy accumulators in DSP, WTHR[47:0],
VARTHR[47:0] or VATHR[47:0], but this time it is shifted left 7
bits. The advantage of accumulating the instantaneous powers
at 1MHz rate is that the ripple at CFx pins is greatly diminished.
The second stage consists in a frequency divider by
CFxDEN[15:0], x=1, 2, 3, 16-bit unsigned registers. The values
of CFxDEN depend on the meter constant (MC), measured in
impulses/kwh and how much energy is assigned to 1LSB of
various energy registers: WATT-hr, VAR-hr, etc. Let’s suppose a
derivative of wh, [10n wh], n a positive or negative integer, is
desired as 1LSB of WATTHR. Then CFxDEN is:
n
3
10
]
kwh
/
imp
[
MC
10
CFxDEN
(43)
The derivative of wh must be chosen in such a way to obtain a
CFxDEN greater than 1. If CFxDEN=1, then the CF stays active
low for only 1μsec, so this number should be avoided.
Fractional results cannot be accommodated by the frequency
converter, so the result of the division has to be rounded to the
nearest integer. If CFxDEN is set equal to 0, then the ADE7858
considers it as equal to 1.
The pulse output for all digital to frequency converters stays low
for 80ms if the pulse period is larger than 160ms (6.25Hz). If
the pulse period is smaller than 160ms and CFxDEN is an even
number, the duty cycle of the pulse output is exactly 50%. If the
pulse period is smaller than 160ms and CFxDEN is an odd
number, the duty cycle of the pulse output is
 %
50
1
1
 CFDEN
. The pulse output is active low and should
be preferably connected to an LED as shown in Figure 50.
Bits 11, 10, 9 (CF3DIS , CF2DIS and CF1DIS) of
CFMODE[15:0] register decide if the frequency converter
output is generated at CF3, CF2 or CF1 pins. When bit CFxDIS,
x=1, 2, 3 is set to 1, the default value, the CFx pin is disabled
and the pin stays high. When bit CFxDIS is cleared to 0, the
correspondent CFx pin output generates an active low signal.
Bits 16, 15, 14 (CF3, CF2, CF1) in interrupt mask register
MASK0[31:0] manage CF3, CF2 and CF1 related interrupts.
When CFx, x=1, 2, 3 bits are set, whenever a high to low
transition at corresponding frequency converter output occurs,
an interrupt
0
IRQ is triggered and a status bit in
STATUS0[31:0] register is set to 1. The interrupt is available
even if the CFx output is not enabled by CFxDIS bits in
CFMODE[15:0].
CFx pin
V
DD
Figure 50. CF pin recommended connection
Synchronizing energy registers with CFx outputs
The ADE7858 contains a feature that allows synchronizing the
content of phase energy accumulation registers with the
generation of a CFx pulse. When a high to low transition at one
frequency converter output occurs, the content of all internal
phase energy registers that relate to the power being output at
CFx pin is latched into hr registers and then is reset to 0. See
Table 18 for the list of registers that are latched based on
CFxSEL[2:0] bits in CFMODE[15:0] register. All 3 phase
registers are latched independent of TERMSELx bits of
COMPMODE[15:0] register. The process is shown in Figure 51
for CF1SEL[2:0]=010 (apparent powers contribute at CF1 pin)
and CFCYC=2.
CFCYC[7:0] 8-bit unsigned register contains the number of
high to low transitions at frequency converter output between
two consecutive latches. Writing a new value into CFCYC[7:0]
register during a high to low transition at any CFx pin should be
avoided.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com