Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7858EBZ Datasheet(PDF) 25 Page - Analog Devices

Part # EVAL-ADE7858EBZ
Description  Poly Phase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7858EBZ Datasheet(HTML) 25 Page - Analog Devices

Back Button EVAL-ADE7858EBZ Datasheet HTML 21Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 22Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 23Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 24Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 25Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 26Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 27Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 28Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 76 page
background image
Preliminary Technical Data
ADE7858
Rev. PrA | Page 25 of 76
Zero-Crossing Timeout
Every zero-crossing detection circuit has an associated timeout
register. This register is loaded with the value written into 16-bit
ZXTOUT register and is decremented (1 LSB) every 62.5 μs
(16KHz clock). The register is reset to ZXTOUT value every
time a zero crossing is detected. The default value of this
register is 0xFFFF. If the timeout register decrements to 0 before
a zero crossing is detected, then one of bits 8-3 of
STATUS1[31:0] register is set to 1. Bit 3 (ZXTOVA), bit 4
(ZXTOVB) and bit 5 (ZXTOVC) refer to phases A, B and C of
the voltage channel, bit 6 (ZXTOIA), bit 7 (ZXTOIB), bit 8
(ZXTOIC) refer to phases A, B and C of the current channel. If
a ZXTOUT bit is set in the MASK1[31:0] register, the
1
IRQ
interrupt pin is driven low when the corresponding status
bit is set to 1. The status bit is cleared and
1
IRQ
pin is set back
high by writing STATUS1 register with the status bit set to 1.
The resolution of ZXOUT register is 62.5 μs (16KHz clock) per
LSB. Thus, the maximum time-out period for an interrupt is
4.096seconds: 216/16KHz.
Figure 25 shows the mechanism of the zero-crossing timeout
detection when the voltage or the current signal stays at a fixed
dc level for more than 62.5 x ZXTOUT μs.
0V
ZXTOxy flag in
STATUS1[31:0],x=V,A
y=A,B,C
Voltage
or
Current
Signal
16-bit INTERNAL
REGISTER VALUE
ZXTOUT
IRQ1\ interrupt pin
Figure 25. Zero-Crossing Timeout Detection
Phase Sequence Detection
The ADE7858 has an on-chip phase sequence error detection
circuit. This detection works on phase voltages and considers
only the zero crossings determined by their negative to positive
transitions. The regular succession of these zero crossing events
is phase A followed by phase B followed by phase C (see Figure
27). If the sequence of zero crossing events is instead phase A,
followed by phase C followed by phase B, then bit 19 (SEQERR)
in STATUS1[31:0] register is set. If bit 19 (SEQERR) in
MASK1[31:0] register is set to 1 and a phase sequence error
event is triggered, then
1
IRQ interrupt pin is driven low. The
status bit is cleared and
1
IRQ
pin is set back high by writing
STATUS1 register with the status bit 19 (SEQERR) set to 1.
The phase sequence error detection circuit is functional only
when the ADE7858 is connected in a 3 phase 4 wire 3 voltage
sensors configuration (bits 5,4 CONSEL in ACCMODE[7:0] set
to 00). In all other configurations, only two voltage sensors are
used and therefore it is not recommended to use the detection
circuit. In these cases, the time intervals between phase voltages
should be used to analyze the phase sequence (see Time
Interval Between Phases section for details).
Figure 26 presents the case in which phase A voltage is not
followed by phase B voltage, but by phase C voltage. Every time
a negative to positive zero crossing occurs, bit 19 (SEQERR) in
STATUS1[31:0] register is set to 1 because such zero crossings
on phase C, B or A cannot come after zero crossings from phase
A, C or respectively B zero crossings.
Phase A
Phase B
Phase C
ZX A
ZX C
ZX B
Bit 19 (SEQERR) in
STATUS1[31:0]
STATUS1[19] set to 1
A,B, C Phase
Voltages after
LPF1
1
IRQ
STATUS1[19] cancelled
by a write to
STATUS1[31:0] with
SEQERR bit set
Figure 26. SEQERR bit set to 1 when phase A voltage is followed by phase C
voltage
Once a phase sequence error has been detected, the time
measurement between various phase voltages (see Time Interval
Between Phases section) may help to identify which phase
voltage should be considered with another phase current in the
computational data path. The bits 9-8 (VTOIA[1:0]), 11-10
(VTOIB[1:0] ) and 13-12 (VTOIC[1:0]) in CONFIG[15:0]
register may be used to direct one phase voltage to the data
path of another phase. See Changing Phase Voltage Data Path
section for details.
Time Interval Between Phases
The ADE7858 has the capability to measure the time delay
between phase voltages, between phase currents or between
voltages and currents of the same phase. The negative to
positive transitions identified by the zero-crossing detection
circuit are used as start and stop measuring points. Only one set
of such measurements are available at one time, based on bits
10, 9 (ANGLESEL[1:0]) in COMPMODE[15:0] register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com