Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7858EBZ Datasheet(PDF) 32 Page - Analog Devices

Part # EVAL-ADE7858EBZ
Description  Poly Phase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7858EBZ Datasheet(HTML) 32 Page - Analog Devices

Back Button EVAL-ADE7858EBZ Datasheet HTML 28Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 29Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 30Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 31Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 32Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 33Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 34Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 35Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 76 page
background image
ADE7858
Preliminary Technical Data
Rev. PrA| Page 32 of 76
16, AIRMS, BIRMS and CIRMS 24-bit signed registers are
accessed as 32-bit registers with 8 most significant bits padded
with 0s.
Current RMS Offset Compensation
The ADE7858 incorporates a current rms offset compensation
register for each phase: AIRMSOS[23:0], BIRMSOS[23:0] and
CIRMSOS[23:0]. These are 24-bit signed registers and are used
to remove offsets in the current rms calculations. An offset can
exist in the rms calculation due to input noises that are
integrated in the dc component of I2(t). One LSB of the current
rms offset compensation register is equivalent to one LSB of the
current rms register. Assuming that the maximum value from
the current rms calculation is 4,191,400 with full-scale ac inputs
(50 Hz), one LSB of the current rms offset represents 0.00037%
(
100
1
4191
/
128
4191
2
) of the rms measurement at 60
dB down from full scale. Calibration of the offset should be
done at low current and values at zero input should be ignored.
IRMSOS
IRMS
IRMS
128
2
0
(14)
where IRMS0 is the rms measurement without offset correction.
Note that at low currents, certain negative offset values of
IRMSOS may determine a negative square root argument in
expression (14). As the square root circuit requires positive
arguments only, the result of the square root operation is
erroneous, equal to 0x7FFFFF. It is recommended to avoid
using big, negative IRMSOS values and as the equivalent rms
value of a full-scale sinusoidal signal is 4,191,910(0x3FF6A6),
much smaller than 0x7FFFFF, such values may be easily
eliminated from consideration.
As previously stated, the serial ports of the ADE7858 work on
32, 16 or 8-bit words and the DSP works on 28 bits. Similar to
the register presented in Figure 15, AIRMSOS, BIRMSOS and
CIRMSOS 24-bit signed registers are accessed as 32-bit registers
with 4 most significant bits padded with 0s and sign extended
to 28 bits.
Voltage Channel RMS Calculation
Figure 37 shows the detail of the signal processing chain for the
rms calculation on one of the phases of the voltage channel. The
voltage channel rms value is processed from the samples used in
the voltage channel. The voltage rms values are signed 24-bit
values and they are stored into the registers AVRMS[23:0],
BVRMS[23:0] and CVRMS[23:0]. The update rate of the
current rms measurement is 8KHz.
With the specified full-scale analog input signal of 0.5 V, the
ADC produces an output code that is approximately
±5,928,256. The equivalent rms value of a full-scale sinusoidal
signal is 4,191,910 (0x3FF6A6), independent of the line
frequency.
The accuracy of the voltage rms is typically 0.1% error from the
full-scale input down to 1/1000 of the full-scale input. Additionally,
this measurement has a bandwidth of 2 kHz. It is recommended
to read the rms registers synchronous to the voltage zero
crossings to ensure stability. The
1
IRQ interrupt can be used to
indicate when a zero crossing has occurred (see the Interrupts
section).
xVRMSOS[23:0]
LPF
x2
xVRMS[23:0]
VOLTAGE SIGNAL
FROM HPF
0V
0x5A7540=
5,928,256
0xA58AC0=
-5,928,256
27
Figure 37. Voltage RMS Signal Processing
Table 11 shows the settling time for the VRMS measurement,
which is the time it takes for the rms register to reflect the value
at the input to the voltage channel.
Table 11. Settling Time for VRMS Measurement
50Hz Input signals
60Hz Input signals
530 ms
530 ms
As previously stated, the serial ports of the ADE7858 work on
32, 16 or 8-bit words. Similar to the register presented in Figure
16, AVRMS, BVRMS and CVRMS 24-bit signed registers are
accessed as 32-bit registers with 8 most significant bits padded
with 0s.
Voltage RMS Offset Compensation
The ADE7858 incorporates a voltage rms offset compensation
for each phase AVRMSOS[23:0], BVRMSOS[23:0], and
CVRMSOS[23:0]. These are 24-bit signed registers used to
remove offsets in the voltage rms calculations. An offset can
exist in the rms calculation due to input noises that are
integrated in the dc component of V2(t). One LSB of the voltage
rms offset compensation register is equivalent to one LSB of the
voltage rms register. Assuming that the maximum value from
the voltage rms calculation is 4,191,400 with full-scale ac inputs
(50 Hz), one LSB of the current rms offset represents 0.00037%
(
100
1
4191
/
128
4191
2
) of the rms measurement at 60
dB down from full scale. Calibration of the offset should be
done at low current and values at zero input should be ignored.
VRMSOS
VRMS
VRMS
128
2
0
(15)
where VRMS0 is the rms measurement without offset
correction.
Note that at low currents, certain negative offset values of
VRMSOS may determine a negative square root argument in
expression (15). As the square root circuit requires positive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com