Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7858EBZ Datasheet(PDF) 6 Page - Analog Devices

Part # EVAL-ADE7858EBZ
Description  Poly Phase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7858EBZ Datasheet(HTML) 6 Page - Analog Devices

Back Button EVAL-ADE7858EBZ Datasheet HTML 2Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 3Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 4Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 5Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 6Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 7Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 8Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 9Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 76 page
background image
ADE7858
Preliminary Technical Data
Rev. PrA| Page 6 of 76
Parameter1, 2
Specification
Unit
Test Conditions/Comments
TIME INTERVAL BETWEEN PHASES
Measurement error
0.3
deg typ
Line frequency = 45 Hz to 65 Hz, HPF on
CF1, CF2, CF3 PULSE OUTPUTS
Maximum Output Frequency
Duty Cycle
Active Low Pulse Width
Jitter
8
50
80
0.04
KHz
%
Msec
% typ
If CF1, CF2 or CF3 frequency >6.25Hz
If CF1, CF2 or CF3 frequency <6.25Hz
For CF1, CF2 or CF3 frequency of 1Hz
REFERENCE INPUT
REFIN/OUT Input Voltage Range
1.3
V max
1.2 V + 8%
1.1
V min
1.2 V − 8%
Input Capacitance
10
pF max
ON-CHIP REFERENCE (PSM0 mode3)
Nominal 1.2 V at REFIN/OUT pin
Reference Error
±0.9
mV max
Output Impedance
4
kΩ min
Temperature Coefficient
10
ppm/°C
typ
50
ppm/°C
max
CLKIN
All specifications CLKIN of 16.384 MHz
Input Clock Frequency
16.384
MHz max
Crystal equivalent series resistance
30
KΩ min
50
KΩ max
CLKIN input capacitance
12
pF typ
CLKOUT output capacitance
12
pF typ
LOGIC INPUTS—MOSI/SDA, SCLK/SCL,
CLKIN and
SS
Input High Voltage, VINH
2.4
V min
VDD = 3.3 V ± 10%
Input Low Voltage, VINL
0.8
V max
VDD = 3.3 V ± 10%
Input Current, IIN
±3
μA max
Typical 10 nA, VIN = 0 V to VDD
Input Capacitance, CIN
10
pF max
LOGIC OUTPUTS—
0
IRQ ,
1
IRQ ,
MISO/HSDATA, HSCLK and CLKOUT
DVDD = 3.3 V ± 10%
Output High Voltage, VOH
3.0
V min
ISOURCE = 800 μA
Output Low Voltage, VOL
0.4
V max
ISINK = 2 mA
CF1, CF2, CF3
Output High Voltage, VOH
2.4
V min
ISOURCE = 500 μA
Output Low Voltage, VOL
0.4
V max
ISINK = 2 mA
POWER SUPPLY in PSM0 mode
For specified performance
VDD
3.0
V min
3.3 V − 10%
3.6
V max
3.3 V + 10%
IDD
TBD
mA typ.
POWER SUPPLY in PSM3 mode3
For specified performance
VDD
2.4
V min
3.7
V max
IDD in PSM3 mode3
1
μA typ.
1 See the Typical Performance Characteristics.
2 See the Terminology section for a definition of the parameters.
3 See Power Management chapter for details on various power modes of the ADE7858



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com