Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7858EBZ Datasheet(PDF) 27 Page - Analog Devices

Part # EVAL-ADE7858EBZ
Description  Poly Phase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7858EBZ Datasheet(HTML) 27 Page - Analog Devices

Back Button EVAL-ADE7858EBZ Datasheet HTML 23Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 24Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 25Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 26Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 27Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 28Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 29Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 30Page - Analog Devices EVAL-ADE7858EBZ Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 76 page
background image
Preliminary Technical Data
ADE7858
Rev. PrA | Page 27 of 76
a number of half line cycles. The phase where this event took
place is identified in bits 14, 13, 12 (VSPHASE[2:0]) of
PHSTATUS[15:0] register. This condition is illustrated in Figure
30.
PHASE A VOLTAGE
FULL SCALE
SAGLVL[23:0]
SAGCYC[7:0]=0x4
Bit 16 (SAG) in
STATUS1[31:0]
VSPHASE[0]=
PHSTATUS[12]
IRQ1\ pin
FULL SCALE
SAGLVL[23:0]
SAGCYC[7:0]=0x4
PHASE B VOLTAGE
VSPHASE[1]=
PHSTATUS[13]
STATUS[16] and
PHSTATUS[13] set to 1
STATUS1[16] and
PHSTATUS[12] cancelled
by a write to
STATUS1[31:0] with SAG
bit set
Figure 30. ADE7858 Sag Detection
Figure 30 shows phase A voltage falling below a threshold that
is set in the sag level register (SAGLVL[23:0]) for four half line
cycles (SAGCYC=4). When bit 16 (SAG) in STATUS1[31:0]
register is set to 1 to indicate the condition, bit VSPHASE[0] in
PHSTATUS[15:0] register also is set to 1 because the event
happened on phase A. Bit 16 (SAG) in STATUS1[31:0] register
and all bits 14,13,12 (VSPHASE[2:0]) of PHSTATUS[15:0]
register (not only VSPHASE[0] bit) are erased by writing
STATUS1[31:0] register with SAG bit set to 1. The
SAGCYC[7:0] register represents the number of half line cycles
the phase voltage must remain below the level indicated in
SAGLVL register in order to trigger a sag condition. 0 is not
valid a valid number for SAGCYC. For example, when the sag
cycle (SAGCYC[7:0]) contains 0x07, the SAG flag in
STATUS1[31:0] register is set at the end of the seventh half line
cycle for which the line voltage falls below the threshold. If bit
16 (SAG) in MASK1[31:0] is set,
1
IRQ interrupt pin is driven
low in case of a sag event in the same moment the status bit 16
(SAG) in STATUS1[31:0] register is set to 1. The SAG status bit
in STATUS1[31:0] register and all bits 14, 13, 12
(VSPHASE[2:0]) of PHSTATUS[15:0] register are cleared and
1
IRQ pin is set back high by writing STATUS1[31:0] register
with the status bit set to 1.
When the phase B voltage falls below the threshold indicated
into SAGLVL[23:0] register for two line cycles, bit VSPHASE[1]
in PHSTATUS[15:0] register is set to 1 and bit VSPHASE[0] is
cleared to 0. In the same moment, bit 16 (SAG) in
STATUS1[31:0] register is set to 1 to indicate the condition.
Note that the internal zero-crossing counter is always active. By
setting SAGLVL[23:0] register, the first sag detection result is,
therefore, not done across a full SAGCYC period. Writing to
the SAGCYC[7:0] register when the SAGLVL[23:0] is already
initialized resets the zero-crossing counter, thus ensuring that
the first sag detection result is obtained across a full SAGCYC
period.
The recommended procedure to manage sag events is the
following:
-enable SAG interrupts in MASK1[31:0] register by setting bit
16 (SAG) to 1.
-when a sag event happens, the
1
IRQ
interrupt pin goes low and
bit 16 (SAG) in STATUS1[31:0] is set to 1.
-STATUS1[31:0] register is read with bit 16 (SAG) set to 1.
-PHSTATUS[15:0] is read, identifying on which phase or
phases a sag event happened.
-STATUS1[31:0] register is written with bit 16 (SAG) set to 1. In
this moment, bit SAG and all bits 14,13,12 (VSPHASE[2:0]) of
PHSTATUS[15:0] register are erased.
Sag Level Set
The content of the sag level register SAGLVL[23:0] is compared
to the absolute value of the output from HPF. Writing 5,928,256
(0x5A7540) to SAGLVL register, puts the sag detection level at
full scale – see Voltage Channel ADC Chapter, so the sag event
is triggered continuously. Writing 0x00 or 0x01 puts the sag
detection level at 0, so the sag event is never triggered.
As previously stated, the serial ports of the ADE7858 work on
32, 16 or 8-bit words. Similar to the register presented in Figure
16, SAGLVL register is accessed as 32-bit registers with 8 most
significant bits padded with 0s.
Peak Detection
The ADE7858 records the maximum absolute values reached
by the voltage and current channels over a certain number of
half line cycles and stores them into the less significant 24 bits
of VPEAK[31:0] and IPEAK[31:0] 32-bit registers.
PEAKCYC[7:0] register contains the number of half line cycles
used as a time base for the measurement. The circuit uses the
zero crossing points identified by the zero crossing detection
circuit. Bits 4, 3, 2 (PEAKSEL[2:0]) in MMODE[7:0] register
select on which phases the peak measurement is done. Bit 2
selects phase A, bit 3 selects phase B and bit 4 selects phase C.
Selecting more than one phase to monitor the peak values
decreases proportionally the measurement period indicated in
PEAKCYC[7:0] register because zero crossings from more
phases are involved in the process. When a new peak value is
determined, one of bits 26, 25, 24 (IPPHASE[2:0] or
VPPHASE[2:0]) in IPEAK[31:0] and VPEAK[31:0] registers is
set to 1 identifying the phase that triggered the peak detection
event. For example, if a peak value has been identified on phase
A current, bit 24 (IPPHASE[0]) in IPEAK[31:0] register is set to
1. If next time a new peak value is measured on phase B, then



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com