Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US2076 Datasheet (PDF) - UNISEM

US2076 Datasheet PDF - UNISEM
Part # US2076
Download  US2076 Download
File Size   45.66 Kbytes
Page   4 Pages
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM
Description PWM SWITCHER CONTROLLER & 7.5A ADJUSTABLE LOW DROPOUT REGULATOR COMBO

US2076 Datasheet (PDF)

Go To PDF Page Download Datasheet
US2076 Datasheet PDF - UNISEM

Part # US2076
Download  US2076 Click to download

File Size   45.66 Kbytes
Page   4 Pages
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM
Description PWM SWITCHER CONTROLLER & 7.5A ADJUSTABLE LOW DROPOUT REGULATOR COMBO

US2076 Datasheet (HTML) - UNISEM


US2076 Product details

DESCRIPTION
The US2076 is a dual function IC combining a switching controller and a 7.5A adjustable low dropout regulator all in a compact 7 pin TO220 and TO263 surface mount packages providing a total solution for dual supply processor applications such as an Intel P55C ™, AMD K6™, as well as Cyrix 6X86L™ and the M2äprocessors.
   
FEATURES
■ The US2076 eliminates the need for a
    seperate switching controller IC
■ Minimum part count allows lower system cost
■ Adjustable 7.5A LDO on board
■ 1.1V Dropout at 7.5A
■ On board MOSFET driver
■ Fastest transient response of any controller
    method. ( 0 to 100% Duty Cycle in 100 nS )
■ 1% internal voltage reference
■ Internal Thermal shutdown
■ Internal Under Voltage Lockout protects
    MOSFET during start-up
   
APPLICATIONS
■ Dual supply low voltage processor applications,
    such as: P55C™,CYRIX M2™, POWER PC™ and
    AMD K6™
   




Similar Part No. - US2076

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US2076 UTC-US2076 Datasheet
247Kb / 8P
DUAL USB HIGH-SIDE POWER SWITCH
US2076A UTC-US2076A Datasheet
265Kb / 8P
DUAL USB HIGH-SIDE POWER SWITCH
US2076AG-S08-R UTC-US2076AG-S08-R Datasheet
265Kb / 8P
DUAL USB HIGH-SIDE POWER SWITCH
US2076A UTC-US2076A_15 Datasheet
265Kb / 8P
DUAL USB HIGH-SIDE POWER SWITCH
US2076B UTC-US2076B Datasheet
224Kb / 8P
DUAL USB HIGH-SIDE POWER SWITCHDUAL USB HIGH-SIDE POWER SWITCH
More results


Similar Description - US2076

ManufacturerPart #DatasheetDescription
logo
UNISEM
US1075 UNISEM-US1075 Datasheet
36Kb / 5P
7.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
US1175 UNISEM-US1175 Datasheet
35Kb / 5P
7.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
US2075 UNISEM-US2075 Datasheet
42Kb / 4P
PWM SWITCHER CONTROLLER & 7.5A LOW DROPOUT REGULATOR COMBO
logo
International Rectifier
IRU1075 IRF-IRU1075 Datasheet
94Kb / 6P
7.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
IRU1175 IRF-IRU1175 Datasheet
50Kb / 6P
7.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
IRU1176 IRF-IRU1176 Datasheet
46Kb / 6P
7.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR WITH SHUTDOWN INPUT
logo
Linear Technology
RH1083CK LINER-RH1083CK Datasheet
162Kb / 2P
7.5A Low Dropout Positive Adjustable Regulator
RH1083M LINER-RH1083M Datasheet
92Kb / 4P
7.5A Low Dropout Positive Adjustable Regulator
RH1083CK LINER-RH1083CK_15 Datasheet
168Kb / 2P
7.5A Low Dropout Positive Adjustable Regulator
RH1083M LINER-RH1083M_15 Datasheet
98Kb / 4P
7.5A Low Dropout Positive Adjustable Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com