Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XM20C64 Datasheet (PDF) - Xicor Inc.

XM20C64 Datasheet PDF - Xicor Inc.
Part # XM20C64
Download  XM20C64 Download
File Size   60.14 Kbytes
Page   11 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description High Speed AUTOSTORE??NOVRAM

XM20C64 Datasheet (PDF)

Go To PDF Page Download Datasheet
XM20C64 Datasheet PDF - Xicor Inc.

Part # XM20C64
Download  XM20C64 Click to download

File Size   60.14 Kbytes
Page   11 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description High Speed AUTOSTORE??NOVRAM

XM20C64 Datasheet (HTML) - Xicor Inc.


XM20C64 Product details

DESCRIPTION
The XM20C64 is a high speed nonvolatile RAM Module. It is comprised of four Xicor X20C16 high speed NOVRAMs, a high speed decoder and decoupling capacitors mounted on a co-fired multilayered Ceramic substrate. The XM20C64 is configured 8K x 8 and is fully decoded. The module is a 28-lead DIP conforming to the industry standard pinout for SRAMs.

FEATURES
• High Speed: tAA = 55ns
• NO Batteries!!
• Low Power CMOS
• AUTOSTORE™ NOVRAM
    —Automatically Stores RAM data to E2PROM upon Power-fail Detection
• Open Drain AUTOSTORE Output Pin
    —Provides Interrupt or Status Information
    —Linkable to System Reset Circuitry
• Auto Recall
    —Automatically Recalls E2PROM Data During Power-on
• Fully Decoded Module
• Full Military Temperature Range
    — –55°C to +125°C
• High Reliability
    —Endurance: 1,000,000 Nonvolatile Store Cycles
    —Data Retention: 100 Years
• ESD Protection
    —≥2KV All Pins
• Also Available in 66 Pin PUMA Package




Similar Part No. - XM20C64

ManufacturerPart #DatasheetDescription
logo
XMC
XM25QH128A XMC-XM25QH128A Datasheet
1Mb / 78P
128 Megabit 3V Serial Flash Memory with 4Kbyte Uniform Sector
2018/08/06 Rev. H
logo
Xicor Inc.
XM28C010P XICOR-XM28C010P Datasheet
25Kb / 3P
High Speed 5 Volt Byte Alterable Nonvolatile Memory Array
XM28C010P-12 XICOR-XM28C010P-12 Datasheet
25Kb / 3P
High Speed 5 Volt Byte Alterable Nonvolatile Memory Array
XM28C010P-15 XICOR-XM28C010P-15 Datasheet
25Kb / 3P
High Speed 5 Volt Byte Alterable Nonvolatile Memory Array
XM28C010P-20 XICOR-XM28C010P-20 Datasheet
25Kb / 3P
High Speed 5 Volt Byte Alterable Nonvolatile Memory Array
More results


Similar Description - XM20C64

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X20C05 XICOR-X20C05 Datasheet
82Kb / 19P
High Speed AUTOSTORE??NOVRAM
X20C16 XICOR-X20C16 Datasheet
94Kb / 21P
High Speed AUTOSTORE??NOVRAM
X20C17 XICOR-X20C17 Datasheet
47Kb / 11P
High Speed AUTOSTORE??NOVRAM
X24C45 XICOR-X24C45 Datasheet
58Kb / 14P
Serial AUTOSTORE??NOVRAM
X25401 XICOR-X25401 Datasheet
57Kb / 14P
SPI Serial AUTOSTORE??NOVRAM
logo
Intersil Corporation
X24C45 INTERSIL-X24C45 Datasheet
192Kb / 12P
Serial AUTOSTORE NOVRAM
June 1, 2005
logo
Simtek Corporation
STK12C68 SIMTEK-STK12C68 Datasheet
524Kb / 20P
8Kx8 AutoStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
32Kx8 AutoStore nvSRAM
STK14CA8 SIMTEK-STK14CA8 Datasheet
593Kb / 19P
128Kx8 Autostore nvSRAM
logo
Renesas Technology Corp
X24C45 RENESAS-X24C45 Datasheet
499Kb / 12P
256 Bit, 16 x 16 Bit Serial AUTOSTORE™ NOVRAM
June 1, 2005
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com