Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XM20C64 Datasheet(PDF) 7 Page - Xicor Inc.

Part # XM20C64
Description  High Speed AUTOSTORE??NOVRAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

XM20C64 Datasheet(HTML) 7 Page - Xicor Inc.

Back Button XM20C64 Datasheet HTML 3Page - Xicor Inc. XM20C64 Datasheet HTML 4Page - Xicor Inc. XM20C64 Datasheet HTML 5Page - Xicor Inc. XM20C64 Datasheet HTML 6Page - Xicor Inc. XM20C64 Datasheet HTML 7Page - Xicor Inc. XM20C64 Datasheet HTML 8Page - Xicor Inc. XM20C64 Datasheet HTML 9Page - Xicor Inc. XM20C64 Datasheet HTML 10Page - Xicor Inc. XM20C64 Datasheet HTML 11Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
XM20C64
7
Array Recall Timing
Limits
Symbol
Parameter
Min.
Max.
Units
tRCC
Array Recall Time
10
µs
tRCP
Recall Strobe Pulse Width
50
ns
tRWE
Delay From
WE HIGH to Recall
0
ns
3874 PGM T05.1
Note:
The recall sequence must be repeated for each memory component individually. This is accomplished by sequencing through the
Array Recall Cycle with all four combinations of A11, and A12.
Array Recall Cycle
3874 FHD F06.1
EQUIVALENT TEST LOAD CIRCUIT
SYMBOL TABLE
WAVEFORM
INPUTS
OUTPUTS
Must be
steady
Will be
steady
May change
from LOW
to HIGH
Will change
from LOW
to HIGH
May change
from HIGH
to LOW
Will change
from HIGH
to LOW
Don’t Care:
Changes
Allowed
Changing:
State Not
Known
N/A
Center Line
is High
Impedance
ADDRESS
NE
OE
WE
CE
DATA I/O
tRCC
tRCP
tRWE
3874 FHD F07.2
735
Ω
318
Ω
OUTPUT
30pF
5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com